Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 159 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation AVR32AP Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 181 page
background image
159
32001A–AVR32–06/06
AVR32
10.5
Multiply16 operations
These instructions require one pass through the multiplier array and produce a 32-bit result. For
mulrndhh, a rounding value of 0x8000 is added to the product producing the final result. This
group does not set any flags, except for the mulsat instructions which set Q if saturation
occurred. The Q flag is a sticky flag, so subsequent instructions will not stall due to Q flag
dependencies.
mov{cond4}
ERd, Rs
Copy register if condition
is true.
111
ERd, imm
Load immediate into
register if condition is
true.
111
csrf
C
b5
Clear status register flag.
1
1
1
csrfcz
C
b5
Copy status register flag
to C and Z.
111
ssrf
C
b5
Set status register flag.
1
1
1
sr{cond4}
C
Rd
Conditionally set register
to true or false.
111
Table 10-3.
Timing of ALU operations
Table 10-4.
Timing of Multiply16 operations
Mnemonics
Operands
Description
Issue
latency
Result
latency
Flag
latency
mul
E
Rd, Rs, imm
Multiply immediate.
1
2
N/A
mulhh.w
E
Rd, Rx<part>,
Ry<part>
Signed Multiply of
halfwords.
(32
← 16 x 16)
12N/A
mulnhh.w
E
Rd, Rx<part>,
Ry<part>
Signed Multiply of
halfwords.
(32
← 16 x 16)
12N/A
mulnwh.d
E
Rd, Rx, Ry<part>
Signed Multiply, word
and halfword.
(48
← 32 x 16)
1
2 +
delaye
d wb
N/A
mulwh.d
E
Rd, Rx, Ry<part>
Signed Multiply, word
and halfword.
(48
← 32 x 16)
1
2 +
delaye
d wb
N/A
mulsathh.h
E
Rd, Rx<part>,
Ry<part>
Fractional signed
multiply with saturation.
Return halfword.
(16
← 16 x 16)
12Q: 3
mulsathh.w
E
Rd, Rx<part>,
Ry<part>
Fractional signed
multiply with saturation.
Return word.
(32
← 16 x 16)
12Q: 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com