Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation AVR32AP Datasheet HTML 159Page - ATMEL Corporation AVR32AP Datasheet HTML 160Page - ATMEL Corporation AVR32AP Datasheet HTML 161Page - ATMEL Corporation AVR32AP Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 181 page
background image
158
32001A–AVR32–06/06
AVR32
bfexts
E
Rd, Rs, o5, w5
Extract and sign-extend
the w5 bits in Rs starting
at bit-offset o5 to Rd.
111
bfextu
E
Rd, Rs, o5, w5
Extract and zero-extend
the w5 bits in Rs starting
at bit-offset o5 to Rd.
111
bld
E
Rd, b5
Bit load.
1
1
1
brev
C
Rd
Bit reverse.
111
bst
E
Rd, b5
Bit store.
1
1
1
casts.b
C
Rd
Typecast byte to signed
word.
111
casts.h
C
Rd
Typecast halfword to
signed word.
111
castu.b
C
Rd
Typecast byte to
unsigned word.
111
castu.h
C
Rd
Typecast halfword to
unsigned word.
111
cbr
C
Rd, b5
Clear bit in register.
1
1
1
clz
E
Rd, Rs
Count leading zeros.
1
1
1
sbr
C
Rd, b5
Set bit in register.
1
1
1
swap.b
C
Rd
Swap bytes in register.
1
1
1
swap.bh
C
Rd
Swap bytes in each
halfword.
111
swap.h
C
Rd
Swap halfwords in
register.
111
asr
E
Rd, Rx, Ry
Arithmetic shift right
(signed).
111
E
Rd, Rs, sa
111
C
Rd, sa
111
lsl
E
Rd, Rx, Ry
Logical shift left.
111
E
Rd, Rs, sa
111
C
Rd, sa
111
lsr
E
Rd, Rx, Ry
Logical shift right.
111
E
Rd, Rs, sa
111
C
Rd, sa
111
rol
C
Rd
Rotate left through carry.
1
1
1
ror
C
Rd
Rotate right through
carry.
111
mov
CRd, imm
Load immediate into
register.
111
E
Rd, imm
111
C
Rd, Rs
Copy register.
1
1
1
Table 10-3.
Timing of ALU operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com