Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 154 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation AVR32AP Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 181 page
background image
154
32001A–AVR32–06/06
AVR32
10. Instruction cycle summary
This chapter presents the grouping of the instructions in the AVR32 architecture. All the instruc-
tions in each group behave similarly in the pipeline, and are discussed as a group in the rest of
this documentation.
10.1
Validity of timing information
This chapter presents information about the timing requirements of each instruction. This infor-
mation should be used together with measurements from cycle-correct simulations. Issues like
branch prediction, data hazards, cache misses and exceptions may cause the cycle require-
ments of real implementations to differ from the theoretical number presented here.
All timing presented here represents best case numbers. The following factors are assumed:
• No data hazards are experienced
• No resource conflicts are encountered in the pipeline
• All data and instruction accesses hit in the caches, and no protection violations are
experienced
10.2
Definitions
The following definitions are used in the tables below:
10.2.1
Issue
An instruction is issued when it leaves the IS stage and enters the M1, A1, or DA stage.
10.2.2
Issue latency
The issue latency represents the number of clock cycles required between the issue of the
instruction and the issue of the following instruction to the same subpipe. Generally, an instruc-
tion has an issue latency of one if the following instruction is issued to another subpipe and no
data hazards exist.
10.2.3
Result latency
The result latency represents the number of cycles between the issue of the instruction and the
availability of the result from the forwarding logic. Some instructions, like 64-bit multiplications,
produce several results. For these instructions, the result latency for both the first part of the
result and the last part of the result are presented. After the result latency period, the data is
available for forwarding, and instructions with data dependencies may execute.
10.2.4
Flag latency
The flag latency represents the number of clock cycles required between the issue of an instruc-
tion updating the flags and the issue of another instruction using the flags. Note that flags are
also forwarded, in most cases making the flags available to the following instruction. As an
example, for an add followed by a branch, the branch will read the flags updated by the add. No
stall is required between the add and the branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com