Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 153 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 153 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation AVR32AP Datasheet HTML 157Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 181 page
background image
153
32001A–AVR32–06/06
AVR32
34
136
PC Breakpoint/Watchpoint Address 2A (BWA2A)
R/W
page 125
35
140
PC Breakpoint/Watchpoint Address 2B (BWA2B)
R/W
page 125
36
144
Data Breakpoint/Watchpoint Address 3A (BWA3A)
R/W
page 127
37
148
Data Breakpoint/Watchpoint Address 3B (BWA3B)
R/W
page 127
38
152
Breakpoint/Watchpoint Data 3A (BWD3A)
R/W
page 127
39
156
Breakpoint/Watchpoint Data 3B (BWD3B)
R/W
page 127
40–65
160-260
Reserved
—
64
256
Nexus Configuration (NXCFG)
R
page 103
65
260
Debug Instruction Register (DINST)
R/W
page 109
66
264
Debug Program Counter (DPC)
R/W
page 109
67
268
CPU Control Mask
R/W
68
272
Debug Communication CPU Register (DCCPU)
R/W
page 104
69
276
Debug Communication Emulator Register (DCEMU)
R/W
page 104
70
280
Debug Communication Status Register (DCSR)
R/W
page 105
71
284
Ownership Trace Process ID (PID)
R/W
page 141
72-74
288-296
Reserved
—
75
300
Event Pair Control 3 (EPC3)
R/W
page 127
76
304
AUX port Control (AXC)
R/W
page 118
77– 255
308-
1020
Reserved
—
Table 9-62.
OCD Register Summary
Register
Index
mtdr/mf
dr index
Register
Access
Type
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com