Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 149 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 149 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 145Page - ATMEL Corporation AVR32AP Datasheet HTML 146Page - ATMEL Corporation AVR32AP Datasheet HTML 147Page - ATMEL Corporation AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 181 page
background image
149
32001A–AVR32–06/06
AVR32
If errors occur, the target will terminate the access, including any remaining block accesses,
within one access cycle of the target. In this case, the access in progress when the RWCS Reg-
ister is written is not guaranteed to complete. Errors are either due to errors on the system bus
during an access requested by the tool, triggered by writing the RWCS Register while any sin-
gle or block access is in progress, or attempting a block access with CNT=0. See Table 9-56 for
a description.
Note that for Read Accesses, DV is always cleared when RWD is read, including for the last
access.
9.8.8.2
Read/Write Access Address (RWA) Register
The RWA Register is used by the tool to program the physical address of memory mapped
resource to be accessed, or the lowest physical address (i.e. lowest unsigned value) for a block
access (CNT>0). RWA must correspond to the most significant byte of the data of size SZ. Refer
to “Address Space” on page 143 for a description of the address range during a Memory Block
Access..
9.8.8.3
Read/Write Access Data (RWD) Register
The RWD Register contains the data to be written for the next Memory Block Write access, and
the read data for completed memory read accesses.
Note that the data is presented in little-endian format in the RWD register as shown in Table 9-
59.
Table 9-56.
Read/Write Access Status Bit Encoding
DV
ERR
Read Action
Write Action
0
0
Read Access has not completed
Write Access completed without error
0
1
Read Access error has occurred
Write Access error has occurred
1
0
Read Access completed without error
Write Access has not completed
1
1
Not Allowed
Not Allowed
Table 9-57.
Read/Write Access Address (RWA)
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
RWA
0x0000_0
000
Physical address to be accessed
Table 9-58.
Organization of RWD for Different Data Sizes
Access
31
24
23
16
15
8
7
0
Byte
Byte
Half-word
MS Byte
LS Byte
Word
MS Byte
LS Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com