Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 144Page - ATMEL Corporation AVR32AP Datasheet HTML 145Page - ATMEL Corporation AVR32AP Datasheet HTML 146Page - ATMEL Corporation AVR32AP Datasheet HTML 147Page - ATMEL Corporation AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 181 page
background image
148
32001A–AVR32–06/06
AVR32
AC
The tool writes the AC bit to one to initiate an access. The AC field is negated by the MIU upon
completion of the access requested by the tool. Any write operation to the RWCS register will
terminate any access in process, including the remaining of the block access. If the write opera-
tion sets AC=1, the previous (block) access will be terminated, but a new one will be initiated.
SZ
SZ determines the access size. The bits are written to by the tool.
RW
RW determines whether the access is a read or write. The RW bit is written by the tool.
NTE
Enable nanotrace. When NanoTrace is enabled, trace messages will be written to the data
memory.
CRC
When this bit is set the MIU will read the entire memory area specified with RWA and CNT and
place a CRC-32 signature of this area in RWD when AC is cleared and DV is set. NTE and CRC
is mutually exclusive, SZ must be word. When the CRC generation of a block is complete the
CRC-32 will be in RWD. If the tool wishes to continue calculating CRC beyond the first block it
must rewrite RWCS with AC=1, CRC=1, SZ=10 and appropriate CNT.
WRAPPED
This bit is set when the RWA pointer into the NanoTrace buffer has wrapped at least once. The
emulator should reset this bit when a new NanoTrace session is started.
CCTRL
MIU memory access is routed through the Data Cache. There are two ways of accessing the
data cache, cached and uncached. The safest way of accessing the memory is using cached
reads and uncached writes, the Auto setting of CCTRL automatically uses this configuration.
Note that when the Auto setting is used with NanoTrace, the MIU will write to cached memory to
improve trace performance.
In the cached memory view writes will be write back, and any errors will be routed to the CPU as
bus error, the ERR bit will not be set. Reads will access the cache and see the CPU’s view of the
memory.
In the uncached memory view writes will be write through, but they will update the cache to pre-
serve memory consistency any bus errors will be reported back to the OCD and ERR bit will be
set. Reads will go straight to the bus and bypass any cache buffers. In this mode the memory
view may be different from the CPU’s view of the memory.
CNT
To request a block move, CNT is set by the tool to the number of accesses of data size SZ, zero
is an illegal value. The CNT field is incremented by the OCD system during an in-progress block
move. When CNT wraps to 0, the block move is complete, and the OCD system negates the AC
field. If an error occurs, CNT indicates how far the block access had progressed before the error
occurred.
DV and ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com