Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 146Page - ATMEL Corporation AVR32AP Datasheet HTML 147Page - ATMEL Corporation AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 181 page
background image
150
32001A–AVR32–06/06
AVR32
.
9.9
OCD Message Summary
Table 9-59.
Read/Write Data (RWD)
R/W
Bit Number
Field Name
Init. Val.
Description
R/W
31:0
RWD
0x0000
_0000
32 bits of data read from a physical address
location or to be written to a physical address
location.
Table 9-60.
Message Summary
TCODE
Message
Public /
Vendor
Defined
Page
0
Debug Status (DEBS)
Public
page 102
1
Reserved
2
Ownership Trace (OT)
Public
page 141
3
Program Trace, Direct Branch (PTDB)
Public
page 131
4
Program Trace, Indirect Branch (PTIB)
Public
page 132
5
Data Trace, Data Write (DTDW)
Public
page 137
6
Data Trace, Data Read (DTDR)
Public
page 138
7
Reserved
8
Error (ERROR)
Public
page 117
9
Program Trace Synchronization (PTSY)
Public
page 133
10
Reserved
11
Program Trace, Direct Branch with Sync (PTDBS)
Public
page 134
12
Program Trace, Indirect Branch with Sync (PTIBS)
Public
page 134
13
Data Trace, Data Write with Sync (DTDWS)
Public
page 137
14
Data Trace, Data Read with Sync (DTDRS)
Public
page 138
15
Watchpoint Hit (WH)
Public
page 125
16–26
Reserved
27
Program Trace Resource Full (PTRF)
Public
page 134
28–32
Reserved
33
Program Trace Correlation (PTC)
Public
page 135
34–55
Reserved
56
Trace Watchpoint Hit (TWH)
Vendor
page 125
57
Direct Branch with Target Address (DBTA)
Vendor
page 131
58-62
Reserved
Vendor
63 (0x3F)
Vendor Defined Extension Message
Reserved
Vendor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com