Electronic Components Datasheet Search
  English  ▼

X  

AVR32AP Datasheet(PDF) 152 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 152 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 148Page - ATMEL Corporation AVR32AP Datasheet HTML 149Page - ATMEL Corporation AVR32AP Datasheet HTML 150Page - ATMEL Corporation AVR32AP Datasheet HTML 151Page - ATMEL Corporation AVR32AP Datasheet HTML 152Page - ATMEL Corporation AVR32AP Datasheet HTML 153Page - ATMEL Corporation AVR32AP Datasheet HTML 154Page - ATMEL Corporation AVR32AP Datasheet HTML 155Page - ATMEL Corporation AVR32AP Datasheet HTML 156Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 181 page
background image
152
32001A–AVR32–06/06
AVR32
9.10
OCD Register Summary
Use the index shown in the "Register index" column when accessing OCD registers by the
Nexus access mechanism (see Section 9.3.2 on page 111).Use the index shown in the
"mtdr/mfdr index" column when accessing OCD registers by mtdr/mfdr instructions from the
CPU (see Section 9.2.10 on page 98). These indexes are identical to the register index multi-
plied by 4.
Table 9-62.
OCD Register Summary
Register
Index
mtdr/mf
dr index
Register
Access
Type
Page
0
0
Device ID (DID)
R
page 103
1
4
Reserved
—
2
8
Development Control (DC)
R/W
page 105
3
12
Reserved
—
4
16
Development Status (DS)
R
page 107
5-6
20-24
Reserved
—
7
28
Read/Write Access Control/Status (RWCS)
R/W
page 147
8
32
Reserved
—
9
36
Read/Write Access Address (RWA)
R/W
page 149
10
40
Read/Write Access Data (RWD)
R/W
page 149
11
44
Watchpoint Trigger (WT)
R/W
page 129
12
48
Reserved
—
13
52
Data Trace Control (DTC)
R/W
page 139
14–15
56-60
Data Trace Start Address (DTSA) Channel 0 to 1
R/W
page 140
16-17
64-68
Reserved
—
18–19
72-76
Data Trace End Address (DTEA) Channel 0 to 1
R/W
page 140
20-21
80-84
Reserved
—
22
88
PC Breakpoint/Watchpoint Control 0A (BWC0A)
R/W
page 126
23
92
PC Breakpoint/Watchpoint Control 0B (BWC0B)
R/W
page 126
24
96
PC Breakpoint/Watchpoint Control 1A (BWC1A)
R/W
page 126
25
100
PC Breakpoint/Watchpoint Control 1B (BWC1B)
R/W
page 126
26
104
PC Breakpoint/Watchpoint Control 2A (BWC2A)
R/W
page 126
27
108
PC Breakpoint/Watchpoint Control 2B (BWC2B)
R/W
page 126
28
112
Data Breakpoint/Watchpoint Control 3A (BWC3A)
R/W
page 128
29
116
Data Breakpoint/Watchpoint Control 3B (BWC3B)
R/W
page 128
30
120
PC Breakpoint/Watchpoint Address 0A (BWA0A)
R/W
page 125
31
124
PC Breakpoint/Watchpoint Address 0B (BWA0B)
R/W
page 125
32
128
PC Breakpoint/Watchpoint Address 1A (BWA1A)
R/W
page 125
33
132
PC Breakpoint/Watchpoint Address 1B (BWA1B)
R/W
page 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com