Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 114Page - NXP Semiconductors CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
13 Characteristics
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Current consumption
IDD = AVDD+DVDD; modem
on (transmitter and
receiver are switched on)
-
17
20
mA
IDD
supply current
IDD = AVDD+DVDD; modem
off (transmitter and
receiver are switched off)
-
0.45
0.5
mA
IDD(PVDD) PVDD supply current
no load on digital pins,
leakage current only
-
0.5
5
μA
CLRC66301HN,
CLRC66302HN
-
100
250
mA
IDD(TVDD) TVDD supply current
CLRC66303HN
-
250
350
mA
All OUTx pins floating
ambient temp = +25 °C
-
40
400
nA
ambient temp = -40°C...
+85°C
-
1.5
2.1
μA
Ipd
power-down current
CLRC66303: ambient temp
= +105 °C
-
3.5
5.2
μA
Istby
standby current
All OUTx pins floating
ambient temp = 25 °C,
IVDD+ITVDD+ IPVDD
-
3
6
ambient temp = -40°C...
+105°C, Istby = IVDD+ITVDD+
IPVDD
-
5.25
26
μA
All OUTx pins floating
ILPCD(sleep) LPCD sleep current
LFO active, no RF field on,
ambient temp = 25 °C
[1] -
3.3
6.3
μA
All OUTx pins floating,
TxLoad = 50 ohms. LPCD_
FILTER = 0; Rfon duration
= 10 us, RF-off duration
300ms; VTVDD = 3.0V;
Tamb = 25°C; ILPCD =
IVDD+ITVDD+ IPVDD
LPCD_TX_HIGH = 0,
-
12
-
ILPCD(average)LPCD average current
LPCD_TX_HIGH = 1
-
23
-
μA
tRFON
RF-on time during LPCD LPCD_TX_HIGH = 0;
TVDD=5.0 V
T=25°C;
-
10
-
μs
LPCD_TX_HIGH = 1;
TVDD=5.0 V; T=25°C
-
50
-
μs
Buffer capacitors on AVDD,DVDD
Table 254. Characteristics
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
118 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com