Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Vi
input voltage
pin XTAL1
0.0
-
1.8
V
Ci
input capacitance
pin XTAL1
-
3
-
pF
Crystal requirements
fxtal
crystal frequency
ISO/IEC14443 compliancy
27.12-14kHz 27.12
27.12+14kHz
MHz
ESR
equivalent series
resistance
-
50
100
Ω
CL
load capacitance
-
10
-
pF
Pxtal
crystal power dissipation
-
50
100
μW
Input characteristics I/O Pin Characteristics IF3-SDA in I2C configuration
ILI
input leakage current
output disabled
-
2
100
nA
VIL
LOW-level input voltage
-0.5
-
+0.3 VDD(PVDD) V
VIH
HIGH-level input voltage
0.7 VDD(PVDD) -
VDD(PVDD) + 0.5 V
VOL
LOW-level output voltage IOL = 3 mA
-
-
0.3
V
VOL = 0.4 V; Standard
mode, Fast mode
4
-
-
mA
IOL
LOW-level output current
VOL = 0.6 V; Standard
mode, Fast mode
6
-
-
mA
Standard mode, Fast
mode, CL < 400 pF
-
-
250
ns
tf(o)
output fall time
Fast mode +; CL < 550 pF
-
-
120
ns
tSP
pulse width of spikes that
must be suppressed by
the input filter
0
-
50
ns
Ci
input capacitance
-
3.5
5
pF
Standard mode
-
-
400
pF
CL
load capacitance
Fast mode
-
-
550
pF
tEER
EEPROM data retention
time
Tamb = +55 °C
10
-
-
year
NEEC
EEPROM endurance
(number of programming
cycles)
under all operating
conditions
5 x 105
-
-
cycle
Table 254. Characteristics...continued
[1]
Ipd is the total current for all supplies.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
120 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com