Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors CLRC663 Datasheet HTML 125Page - NXP Semiconductors CLRC663 Datasheet HTML 126Page - NXP Semiconductors CLRC663 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
14 Application information
A typical application diagram using a complementary antenna connection to the CLRC663 is shown in the
following figure.
The antenna tuning and RF part matching is described in the application note [1] and [2].
001aam269
VDD
PVDD
MICRO-
PROCESSOR
host
interface
TVDD
XTAL1
XTAL2
RXN
VMID
TX1
TVSS
TX2
9
8
25
18
19
VSS
33
20
13
14
17
16
15
14
21
28-31
32
PDOWN
IRQ
7
DVDD
AVDD
12
RXP
READER IC
R1
L0
C1
Ra
Ra
C1
L0
R2
R4
C0
C0
C2
C2
CRXN
CRXP
Cvmid
R3
27.12 MHz
antenna
Lant
Figure 36. Typical application antenna circuit diagram
14.1 Antenna design description
The matching circuit for the antenna consists of an EMC low pass filter (L0 and C0), a matching circuitry (C1
and C2), and a receiving circuits (R1 = R3, R2 = R4, C3 = C5 and C4 = C6;), and the antenna itself. The
receiving circuit component values need to be designed for operation with the CLRC663. A re-use of dedicated
antenna designs done for other products without adaptation of component values will result in degraded
performance.
14.1.1 EMC low pass filter
The MIFARE product-based system operates at a frequency of 13.56 MHz. This frequency is derived from a
quartz oscillator to clock the CLRC663 and is also the basis for driving the antenna with the 13.56 MHz energy
carrier. This will not only cause emitted power at 13.56 MHz but will also emit power at higher harmonics. The
international EMC regulations define the amplitude of the emitted power in a broad frequency range. Thus, an
appropriate filtering of the output signal is necessary to fulfill these regulations.
Remark: The PCB layout has a major influence on the overall performance of the filter.
14.1.2 Antenna matching
Due to the impedance transformation of the given low pass filter, the antenna coil has to be matched to a certain
impedance. The matching elements C1 and C2 can be estimated and have to be fine-tuned depending on the
design of the antenna coil.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
123 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com