Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors CLRC663 Datasheet HTML 124Page - NXP Semiconductors CLRC663 Datasheet HTML 125Page - NXP Semiconductors CLRC663 Datasheet HTML 126Page - NXP Semiconductors CLRC663 Datasheet HTML 127Page - NXP Semiconductors CLRC663 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
The correct impedance matching is important to provide the optimum performance. The overall quality factor
has to be considered to guarantee a proper ISO/IEC 14443 communication scheme. Environmental influences
have to be considered as well as common EMC design rules.
For details, refer to the NXP application notes.
14.1.3 Receiving circuit
The internal receiving concept of the CLRC663 makes use both side-bands of the subcarrier load modulation of
the card response via a differential receiving concept (RXP, RXN). No external filtering is required.
It is recommended using the internally generated VMID potential as the input potential of pin RX. This DC
voltage level of VMID has to be coupled to the Rx-pins via R2 and R4. To provide a stable DC reference voltage
capacitances C4, C6 has to be connected between VMID and ground. Refer to Figure 36.
Considering the (AC) voltage limits at the Rx-pins the AC voltage divider of R1 + C3 and R2 as well as R3 + C5
and R4 has to be designed. Depending on the antenna coil design and the impedance matching, the voltage at
the antenna coil varies from antenna design to antenna design. Therefore the recommended way to design the
receiving circuit is to use the given values for R1(= R3), R2 (= R4), and C3 (= C5) from the above mentioned
application note, and adjust the voltage at the RX-pins by varying R1(= R3) within the given limits.
Remark: R2 and R4 are AC-wise connected to ground (via C4 and C6).
14.1.4 Antenna coil
The precise calculation of the antenna coils’ inductance is not practicable but the inductance can be
estimated
using the following formula. We recommend designing an antenna either with a circular or rectangular shape.
(4)
• I1 - Length in cm of one turn of the conductor loop
• D1 - Diameter of the wire or width of the PCB conductor respectively
• K - Antenna shape factor (K = 1.07 for circular antennas and K = 1.47 for square antennas)
• L1 - Inductance in nH
• N1 - Number of turns
• Ln: Natural logarithm function
The actual values of the
antenna inductance, resistance, and capacitance at 13.56 MHz depend on various
parameters such as:
• antenna construction (Type of PCB)
• thickness of conductor
• distance between the windings
• shielding layer
• metal or ferrite in the near environment
Therefore a measurement of those parameters under real life conditions, or at least a rough measurement and
a tuning procedure are highly recommended to guarantee a reasonable performance. For details, refer to the
above mentioned application notes.
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
124 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com