Electronic Components Datasheet Search
  English  ▼

X  

CLRC663 Datasheet(PDF) 119 Page - NXP Semiconductors

Part # CLRC663
Description  High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 115Page - NXP Semiconductors CLRC663 Datasheet HTML 116Page - NXP Semiconductors CLRC663 Datasheet HTML 117Page - NXP Semiconductors CLRC663 Datasheet HTML 118Page - NXP Semiconductors CLRC663 Datasheet HTML 119Page - NXP Semiconductors CLRC663 Datasheet HTML 120Page - NXP Semiconductors CLRC663 Datasheet HTML 121Page - NXP Semiconductors CLRC663 Datasheet HTML 122Page - NXP Semiconductors CLRC663 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 177 page
background image
NXP Semiconductors
CLRC663
High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus
Symbol Parameter
Conditions
Min
Typ
Max
Unit
CL
external buffer capacitor
AVDD
220
470
-
nF
CL
external buffer capacitor
DVDD
220
470
-
nF
I/O pin characteristics SIGIN/OUT7, SIGOUT, CLKOUT/OUT6,
IFSEL0/OUT4, IFSEL1/OUT5, TCK/OUT3, TMS/OUT2, TDI/
OUT1, TDO/OUT0, IRQ, IF0, IF1, IF2, SCL2, SDA2
ILI
input leakage current
output disabled
0.0
50
500
nA
VIL
low-level input voltage
-0.5
-
0.3 x VDD(PVDD) V
VIH
high-level input voltage
0.7 x
VDD(PVDD)
VDD(PVDD)VDD(PVDD) + 0.5 V
VOL
low-level output voltage
0.0
0.0
0.4
V
VOH
high-level output voltage
If pins are used as output
OUTx, IOH = 4 mA driving
current for each pin
VDD(PVDD)-0.4 VDD(PVDD)VDD(PVDD)
V
Ci
input capacitance
0.0
2.5
4.5
pF
Pin characteristics PDOWN
VIL
low-level input voltage
0.0
0.0
0.4
V
VIH
high-level input voltage
0.6 x VPVDD
VDD(PVDD)VDD(PVDD)
V
Pull-up resistance for TCK, TMS, TDI, IF2
Rpu
pull-up resistance
50
72
120
KΩ
Pin characteristics AUX 1, AUX 2
Vo
output voltage
0.0
-
1.8
V
CL
load capacitance
0.0
-
400
pF
Pin characteristics RXP, RXN
Vi(p)
input voltage
0
1.65
1.8
V
Ci
input capacitance
2
3.5
5
pF
Vmod(pp)
modulation voltage
Vmod(pp) = Vi(pp)(max) - Vi(pp)
(min)
-
2.5
-
mV
Pins TX1 and TX2
Vo
output voltage
Vss(TVSS)
-
VDD(TVDD)
V
CLRC66301, CLRC66302:
T=25°C, VDD(TVDD) = 5.0V
-
1.5
-
Ω
Ro
output resistance
CLRC66303: T=25°C,
VDD(TVDD) = 5.0V
-
1.2
-
Ω
Clock frequency Pin CLKOUT
fclk
clock frequency
configured to 27.12 MHz
-
27.12
-
MHz
δclk
clock duty cycle
-
50
-
%
Crystal connection XTAL1, XTAL2
Vo(p-p)
peak-to-peak output
voltage
pin XTAL1
-
1.0
-
V
Table 254. Characteristics...continued
CLRC663
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 5.3 — 3 January 2024
119 / 177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com