Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 255 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 255 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 251Page - PMC-Sierra, Inc PM5313 Datasheet HTML 252Page - PMC-Sierra, Inc PM5313 Datasheet HTML 253Page - PMC-Sierra, Inc PM5313 Datasheet HTML 254Page - PMC-Sierra, Inc PM5313 Datasheet HTML 255Page - PMC-Sierra, Inc PM5313 Datasheet HTML 256Page - PMC-Sierra, Inc PM5313 Datasheet HTML 257Page - PMC-Sierra, Inc PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
223
PER5:
The receive trace identifier persistence bit (PER5) control the number of times
a section trace identifier message must be received unchanged before being
accepted. When PER5 is set high, a message is accepted when it is received
unchanged five times consecutively. When PER5 is set low, the message is
accepted after three identical repetitions.
RTIME:
The receive section trace identifier (mode 1) mismatch interrupt enable bit
(RTIME) controls the activation of the interrupt output when the comparison
between accepted identifier message and the expected message changes
state from match to mismatch and vice versa. When RTIME is set high,
changes in match state activates the interrupt (INTB) output. When RTIME is
set low, section trace identifier (mode 1) state changes will not affect INTB.
This bit is should be disabled in Trace identifier Mode 2 since the RTIM is
generate using the Mode 1 algorithm.
RTIUE:
The receive section trace identifier (mode 1) unstable interrupt enable bit
(RTIUE) controls the activation of the interrupt output when the receive
identifier message state (RTIUV) changes from stable to unstable and vice
versa. State changes dependent on the Trace Identifier Mode When RTIUE is
set high, changes in the receive section trace identifier unstable (RTIUV) state
will activate the interrupt (INTB) output. When RTIUE is set low, section trace
identifier unstable state changes will not affect INTB.
TIMODE:
The Trace Identifier Mode is used to set the mode for the received section
trace identifier. Setting this bit to low sets the Trace Identifier Mode to Mode 1.
In this mode the section trace identifier is defined as a regular 16 or 64 byte
trace message and persistency is based on the whole message. Receive
trace identifier mismatch (RTIM) and unstable (RTIU) alarms are declared on
the trace message. Setting this bit to high sets the Trace Identifier Mode to
Mode2. In this mode the section trace identifier is defined as a 16 byte
message with a single repeating byte that is monitored for persistency and
errors. A receive trace identifier unstable (RTIU) alarm is declared when one
or more byte errors are detected in three consecutive 16 byte windows. RTIM
is not defined in this mode.
ZEROEN:
The zero enable bit (ZEROEN) is defined for Trace Identifier Mode 1 only and
enables trace identifier mismatch (RTIM) assertion and removal based on an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com