Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 258 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 258 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 254Page - PMC-Sierra, Inc PM5313 Datasheet HTML 255Page - PMC-Sierra, Inc PM5313 Datasheet HTML 256Page - PMC-Sierra, Inc PM5313 Datasheet HTML 257Page - PMC-Sierra, Inc PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
226
counter is incremented on each message that mismatches its predecessor
and is cleared on the reception of a persistent message (3 or 5 consecutive
matching messages). RTIUV is set high when the unstable counter reaches 8.
RTIUV is set low and the unstable counter cleared once a persistent message
has been received.
In Mode 2, RTIUV is set low during the stable state which is declared after
having received the same 16 byte trace message 3 consecutive times (stable
trace byte for forty-eight consecutive frames). The stable byte is declared the
accepted byte. RTIUV is set high when mismatches between the accepted
byte and the received byte have been detected in three consecutive 16 byte
windows. The 16 byte windows do not overlap and start immediately upon the
first detected error.
RTIUI:
The receive section trace identifier unstable interrupt status bit is set high
when the path trace identifier unstable status (RTIUV) changes state. The
setting of this bit is dependent on the unstable status (RTIUV) which is
dependent on the Trace Identifier Mode. This bit and the interrupt are cleared
when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com