Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 257 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 257 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 253Page - PMC-Sierra, Inc PM5313 Datasheet HTML 254Page - PMC-Sierra, Inc PM5313 Datasheet HTML 255Page - PMC-Sierra, Inc PM5313 Datasheet HTML 256Page - PMC-Sierra, Inc PM5313 Datasheet HTML 257Page - PMC-Sierra, Inc PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
225
Register 0051H: SSTB Section Trace Status
Bit
Type
Function
Default
Bit 7
R
Unused
X
Bit 6
R
Unused
X
Bit 5
R
Reserved
X
Bit 4
R
Reserved
X
Bit 3
R
RTIUI
X
Bit 2
R
RTIUV
X
Bit 1
R
RTIMI
X
Bit 0
R
RTIMV
X
This register reports the section trace identifier status.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
RTIMV:
The receive section trace identifier mismatch status bit (RTIMV) is set high in
Trace Identifier Mode 1 when the accepted message differs from the
expected message. The accepted message is the last message to have been
received 5 times consecutively. RTIMV is set low when the accepted
message is equal to the expected message. If the accepted section trace
message string is all-ZEROs, the mismatch is not declared unless the
ZEROEN register bit in the Control register is set. This bit is usually ignored in
Trace Identifier Mode 2.
RTIMI:
The receive trace identifier mismatch indication status bit (RTIMI) is set high
in Trace Identifier Mode 1 when the match/mismatch status (RTIMV) of the
trace identifier framer changes state. This bit (and the interrupt) are cleared
when this register is read. This bit is usually ignored in Trace Identifier Mode
2.
RTIUV:
The receive section trace identifier unstable status bit (RTIUV) is dependent
on the Trace Identifier Mode. In Mode 1, the bit is set high when 8 trace
messages mismatching against their immediate predecessor message have
been received without a persistent message being detected. The unstable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com