Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 259 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 259 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 255Page - PMC-Sierra, Inc PM5313 Datasheet HTML 256Page - PMC-Sierra, Inc PM5313 Datasheet HTML 257Page - PMC-Sierra, Inc PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
227
Register 0052H: SSTB Section Trace Indirect Address
Bit
Type
Function
Default
Bit 7
R/W
A[7]
0
Bit 6
R/W
A[6]
0
Bit 5
R/W
A[5]
0
Bit 4
R/W
A[4]
0
Bit 3
R/W
A[3]
0
Bit 2
R/W
A[2]
0
Bit 1
R/W
A[1]
0
Bit 0
R/W
A[0]
0
This register supplies the address used to index into section trace identifier
buffers. Writing to this register initiates an external microprocessor access to the
static page of the section trace message buffer. If RWB is set high, a read access
is initiated. The data read can be found in the SSTB Indirect Data register. If
RWB is set low, a write access is initiated. The data in the SSTB Indirect Data
register will be written to the address specified.
A[7:0]:
The indirect read address bits (A[7:0]) indexes into the path trace identifier
buffers. Addresses 0 to 63 reference the transmit message buffer which
contains the identifier message to be inserted into the J0 byte of the transmit
stream. Addresses 64 to 127 reference the receive accepted message page.
A receive message is accepted into this page when it is received unchanged
three or five times consecutively as determined by the PER5 bit setting.
Addresses 128 to 191 reference the receive capture page while addresses
192 to 255 reference the receive expected page. The receive capture page
contains the identifier bytes extracted from the receive stream. The receive
expected page contains the expected trace identifier message down-loaded
from the microprocessor.
A[7:0]
RAM Contents
0-3Fh
Transmit Trace Message
40h-7Fh
Receive Accepted Trace Message
80h-BFh
Receive Captured Trace Message
C0-FFh
Receive Expected Trace Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com