Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 263 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 263 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc PM5313 Datasheet HTML 266Page - PMC-Sierra, Inc PM5313 Datasheet HTML 267Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
231
Register 0061H: RASE Interrupt Status
Bit
Type
Function
Default
Bit 7
R
PSBFI
X
Bit 6
R
COAPSI
X
Bit 5
R
Z1/S1I
X
Bit 4
R
SFBERI
X
Bit 3
R
SDBERI
X
Bit 2
R
SFBERV
X
Bit 1
R
SDBERV
X
Bit 0
R
PSBFV
X
PSBFV:
The PSBFV bit indicates the protection switching byte failure alarm state. The
alarm is declared (PSBFV is set high) when twelve successive frames have
been received without three consecutive frames containing identical K1 bytes.
The alarm is removed (PSBFV is set low) when three consecutive frames
containing identical K1 bytes have been received.
SDBERV:
The SDBERV bit indicates the signal degrade threshold crossing alarm state.
The alarm is declared (SDBERV is set high) when the bit error rate exceeds
the threshold programmed in the RASE SD Declaring Threshold registers.
The alarm is removed (SDBERV is set low) when the bit error rate is below
the threshold programmed in the RASE SD Clearing Threshold registers.
SFBERV:
The SFBERV bit indicates the signal failure threshold crossing alarm state.
The alarm is declared (SFBERV is set high) when the bit error rate exceeds
the threshold programmed in the RASE SF Declaring Threshold registers.
The alarm is removed (SFBERV is set low) when the bit error rate is below
the threshold programmed in the RASE SF Clearing Threshold registers.
SDBERI:
The SDBERI bit is set high when the signal degrade threshold crossing alarm
is declared or removed. This bit is cleared when the RASE Interrupt Status
register is read. A clear on write version of this register bit may be found in the
SPECTRA-622 Auxiliary Section/Line Interrupt Status Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com