Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 261 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 261 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 257Page - PMC-Sierra, Inc PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
229
Register 0056H: SSTB Section Trace Operation
Bit
Type
Function
Default
Bit 7
R
BUSY
0
Bit 6
R/W
RWB
0
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
Unused
X
RWB:
The access control bit (RWB) selects between an indirect read or write
access to the static page of the section trace message buffer. The access will
be performed when the SSTB Indirect Address register is written to.
BUSY:
The BUSY bit reports whether a previously initiated indirect read or write to
the path trace RAM has been completed. BUSY is set high upon writing to the
SSTB Path Trace Indirect Address register, and stays high until the initiated
access has completed. At this point, BUSY is set low. This register should be
polled to determine when new data is available in the SSTB Indirect Data
register. The maximum latency for the BUSY to return low is 10 us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com