Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 262 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 262 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 258Page - PMC-Sierra, Inc PM5313 Datasheet HTML 259Page - PMC-Sierra, Inc PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc PM5313 Datasheet HTML 266Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
230
Register 0060H: RASE Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
PSBFE
0
Bit 6
R/W
COAPSE
0
Bit 5
R/W
Z1/S1E
0
Bit 4
R/W
SFBERE
0
Bit 3
R/W
SDBERE
0
Bit 2
R/W
Unused
X
Bit 1
R/W
Unused
X
Bit 0
R/W
Unused
X
SDBERE:
The SDBERE bit is the interrupt enable for the signal degrade threshold
alarm. When SDBERE is a logic one, an interrupt is generated when the SD
alarm is declared or removed.
SFBERE:
The SFBERE bit is the interrupt enable for the signal fail threshold alarm.
When SFBERE is a logic one, an interrupt is generated when the SF alarm is
declared or removed.
Z1/S1E:
The Z1/S1 interrupt enable is an interrupt mask for changes in the received
synchronization status. When Z1/S1E is a logic one, an interrupt is generated
when a new synchronization status message is extracted into the Receive
Z1/S1 register.
COAPSE:
The COAPS interrupt enable is an interrupt mask for changes in the received
APS code. When COAPSE is a logic one, an interrupt is generated when a
new K1/K2 code value is extracted into the RASE Receive K1 and RASE
Receive K2 registers.
PSBFE:
The PSBF interrupt enable is an interrupt mask for protection switch byte
failure alarms. When PSBFE is a logic one, an interrupt is generated when
PSBF is declared or removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com