Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 264 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 264 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 260Page - PMC-Sierra, Inc PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc PM5313 Datasheet HTML 266Page - PMC-Sierra, Inc PM5313 Datasheet HTML 267Page - PMC-Sierra, Inc PM5313 Datasheet HTML 268Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
232
SFBERI:
The SFBERI bit is set high when the signal failure threshold crossing alarm is
declared or removed. This bit is cleared when the RASE Interrupt Status
register is read. A clear on write version of this register bit may be found in the
SPECTRA-622 Auxiliary Section/Line Interrupt Status Registers.
Z1/S1I:
The Z1/S1I bit is set high when a new synchronization status message has
been extracted into the RASE Receive Z1/S1 register. This bit is cleared
when the RASE Interrupt Status register is read.
COAPSI:
The COAPSI bit is set high when a new APS code value has been extracted
into the RASE Receive K1 and RASE Receive K2 registers. This bit is cleared
when the RASE Interrupt Status register is read.
PSBFI:
The PSBFI bit is set high when the protection switching byte failure alarm is
declared or removed. This bit is cleared when the RASE Interrupt Status
register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com