Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 266 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 266 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc PM5313 Datasheet HTML 266Page - PMC-Sierra, Inc PM5313 Datasheet HTML 267Page - PMC-Sierra, Inc PM5313 Datasheet HTML 268Page - PMC-Sierra, Inc PM5313 Datasheet HTML 269Page - PMC-Sierra, Inc PM5313 Datasheet HTML 270Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
234
SFCMODE:
The SFCMODE alarm bit selects the RASE window size to use for clearing
the SF alarm. When SFCMODE is a logic 0 the RASE clears the SF alarm
using the same window size used for declaration. When SFCMODE is a logic
1 the RASE clears the SF alarm using a window size that is 8 times longer
than the alarm declaration window size. The declaration window size is
determined by the RASE SF Accumulation Period registers.
SFSMODE:
The SFSMODE bit selects the RASE saturation mode. When SFSMODE is a
logic 0 the RASE limits the number of B2 errors accumulated in one frame
period to the RASE SF Saturation Threshold register value. When SFSMODE
is a logic 1 the RASE limits the number of B2 errors accumulated in one
window subtotal accumulation period to the RASE SF Saturation Threshold
register value. Note that the number of frames in a window subtotal
accumulation period is determined by the RASE SF Accumulation Period
register value.
SFBERTEN:
The SFBERTEN bit enables automatic monitoring of line bit error rate
threshold events by the RASE. When SFBERTEN is a logic one, the RASE
continuously monitors line BIP errors over a period defined in the RASE
configuration registers. When SFBERTEN is a logic zero, the RASE BIP
accumulation logic is disabled, and the RASE logic is reset to the declaration
monitoring state.
All RASE accumulation period and threshold registers should be set up
before SFBERTEN is written.
Z1/S1_CAP:
The Z1/S1_CAP bit enables the Z1/S1 Capture algorithm. When Z1/S1_CAP
is a logic one, the Z1/S1 clock synchronization status message nibble must
have the same value for eight consecutive frames before writing the new
value into the RASE Receive Z1/S1 register. When Z1/S1_CAP is logic zero,
the Z1/S1 nibble value is written directly into the RASE Receive Z1/S1
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com