Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 265 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 265 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 261Page - PMC-Sierra, Inc PM5313 Datasheet HTML 262Page - PMC-Sierra, Inc PM5313 Datasheet HTML 263Page - PMC-Sierra, Inc PM5313 Datasheet HTML 264Page - PMC-Sierra, Inc PM5313 Datasheet HTML 265Page - PMC-Sierra, Inc PM5313 Datasheet HTML 266Page - PMC-Sierra, Inc PM5313 Datasheet HTML 267Page - PMC-Sierra, Inc PM5313 Datasheet HTML 268Page - PMC-Sierra, Inc PM5313 Datasheet HTML 269Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
233
Register 0062H: RASE Configuration/Control
Bit
Type
Function
Default
Bit 7
R/W
Z1/S1_CAP
0
Bit 6
R/W
SFBERTEN
0
Bit 5
R/W
SFSMODE
0
Bit 4
R/W
SFCMODE
0
Bit 3
R/W
SDBERTEN
0
Bit 2
R/W
SDSMODE
0
Bit 1
R/W
SDCMODE
0
Bit 0
R/W
Unused
X
SDCMODE:
The SDCMODE alarm bit selects the RASE window size to use for clearing
the SD alarm. When SDCMODE is a logic 0 the RASE clears the SD alarm
using the same window size used for declaration. When SDCMODE is a logic
1 the RASE clears the SD alarm using a window size that is 8 times longer
than the alarm declaration window size. The declaration window size is
determined by the RASE SD Accumulation Period registers.
SDSMODE:
The SDSMODE bit selects the RASE saturation mode. When SDSMODE is a
logic 0 the RASE limits the number of B2 errors accumulated in one frame
period to the RASE SD Saturation Threshold register value. When
SDSMODE is a logic 1 the RASE limits the number of B2 errors accumulated
in one window subtotal accumulation period to the RASE SD Saturation
Threshold register value. Note that the number of frames in a window subtotal
accumulation period is determined by the RASE SD Accumulation Period
register value.
SDBERTEN:
The SDBERTEN bit selects automatic monitoring of line bit error rate
threshold events by the RASE. When SDBERTEN is a logic one, the RASE
continuously monitors line BIP errors over a period defined in the RASE
configuration registers. When SDBERTEN is a logic zero, the RASE BIP
accumulation logic is disabled, and the RASE logic is reset to the declaration
monitoring state.
All RASE accumulation period and threshold registers should be set up
before SDBERTEN is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com