Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 504 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 504 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 500Page - PMC-Sierra, Inc PM5313 Datasheet HTML 501Page - PMC-Sierra, Inc PM5313 Datasheet HTML 502Page - PMC-Sierra, Inc PM5313 Datasheet HTML 503Page - PMC-Sierra, Inc PM5313 Datasheet HTML 504Page - PMC-Sierra, Inc PM5313 Datasheet HTML 505Page - PMC-Sierra, Inc PM5313 Datasheet HTML 506Page - PMC-Sierra, Inc PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 504 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
472
synchronize. A forced re-synchronize may be due to setting the
MON_RESYNC register bit or a master generator. Once out of
synchronization, the Synchronized State can only be achieved after re-
synchronizing to the incoming PRBS and verifying the resynchronization with
32 consecutive non-erred PRBS bytes. This bit is set low when in the
Synchronized State. This bit is local to each slice so it should be monitored in
the master and all its slaves.
MON_SYNCI:
The Monitor Synchronize Interrupt Status (MON_SYNCI) bit indicates a
change in the synchronization state (MON_SYNCV) of the monitor. When
MON_SYNCI is set high, the monitor has transitioned from the Synchronized
to Out of Synchronization State or vice versa. This bit is cleared when this
register is read.
MON_ERRI:
The Monitor Byte Error Interrupt Status (MON_ERRI) bit indicates that an
error has been detected in the received PRBS byte while the monitor was in
the Synchronized State. MON_ERRI is set high, when one or more PRBS bit
errors have been detected in the received PRBS data byte. This bit is cleared
when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com