Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 507 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 507 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 503Page - PMC-Sierra, Inc PM5313 Datasheet HTML 504Page - PMC-Sierra, Inc PM5313 Datasheet HTML 505Page - PMC-Sierra, Inc PM5313 Datasheet HTML 506Page - PMC-Sierra, Inc PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc PM5313 Datasheet HTML 510Page - PMC-Sierra, Inc PM5313 Datasheet HTML 511Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 507 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
475
Register Address 2000H: Master Test
Bit
Type
Function
Default
Bit 7
R/W
MOTOTST
0, by rstb low
Bit 6
R/W
Reserved
0, by csb high
Bit 5
R/W
PMCATST
0, by csb high and rstb low
Bit 4
R/W
PMCTST
0, by csb high
Bit 3
R/W
DBCTRL
0, by rstb low
Bit 2
R/W
IOTST
0, by rstb low
Bit 1
R/W
HIZDATA
0, by rstb low
Bit 0
R/W
HIZIO
0, by rstb low
This register is used to enable SPECTRA-622 test features. All bits, except
PMCTST and PMCATST are reset to zero by a reset of the SPECTRA-622 using
either the RSTB input or the Master Reset register. PMCTST is reset when CSB
is logic 1. PMCATST is reset when both CSB is high and RSTB is low. PMCTST
and PMCATST can also be reset by writing a logic 0 to the corresponding
register bit.
Reserved:
The Reserved bits must be set low for proper operation of the SPECTRA-622.
HIZIO, HIZDATA:
The HIZIO and HIZDATA bits control the tri-state modes of the SPECTRA-
622. While the HIZIO bit is a logic one, all output pins of the SPECTRA-622
except the data bus and output TDO are held tri-state. The microprocessor
interface is still active. While the HIZDATA bit is a logic one, the data bus is
also held in a high-impedance state which inhibits microprocessor read
cycles. The HIZDATA bit is overridden by the DBCTRL bit.
IOTST:
The IOTST bit is used to allow normal microprocessor access to the test
registers and control the test mode in each TSB block in the SPECTRA-622
for board level testing. When IOTST is a logic one, all blocks are held in test
mode and the microprocessor may write to a block's test mode 0 registers to
manipulate the outputs of the block.
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin. When the DBCTRL bit is set to logic one and either IOTST or PMCTST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com