Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 509 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 509 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 505Page - PMC-Sierra, Inc PM5313 Datasheet HTML 506Page - PMC-Sierra, Inc PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc PM5313 Datasheet HTML 510Page - PMC-Sierra, Inc PM5313 Datasheet HTML 511Page - PMC-Sierra, Inc PM5313 Datasheet HTML 512Page - PMC-Sierra, Inc PM5313 Datasheet HTML 513Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
477
Register Address 2001H: RX Analog Test Register
Bit
Type
Function
Default
Bit 7
W
RXATSTIN1
0, by csb high
Bit 6
W
RXATSTIN0
0, by csb high
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
W
RXC
0, by csb high
Bit 1
W
RXD
0, by csb high
Bit 0
W
REFCLK
0, by csb high
The Receive Analog Test Register supplies the analog test control signals for the
PECL ABC cells in the receive side.
REFCLK:
When REFCLK ATSTDIS is low, the REFCLK PECL Receiver can be put into
analog test mode by the PMCATST bit (of register 0x100). When REFCLK
ATSTDIS is set high, PMCATST has no effect on the REFCLK PECL
Receiver.
RXD:
When RXD ATSTDIS is low, the RXD PECL Receiver can be put into analog
test mode by the PMCATST bit (of register 0x100). When RXD ATSTDIS is
set high, PMCATST has no effect on the RXD PECL Receiver.
RXC:
When RXC ATSTDIS is low, the RXC PECL Receiver can be put into analog
test mode by the PMCATST bit (of register 0x100). When RXC ATSTDIS is
set high, PMCATST has no effect on the RXC PECL Receiver.
RX ATSTIN:
The Receive Analog Test In Bus (RX ATSTIN) provides test mode controls to
the REFCLK, RXD, and RXC PECL cells.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com