Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 511 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 511 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc PM5313 Datasheet HTML 510Page - PMC-Sierra, Inc PM5313 Datasheet HTML 511Page - PMC-Sierra, Inc PM5313 Datasheet HTML 512Page - PMC-Sierra, Inc PM5313 Datasheet HTML 513Page - PMC-Sierra, Inc PM5313 Datasheet HTML 514Page - PMC-Sierra, Inc PM5313 Datasheet HTML 515Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
479
Register Address 2003H: Master Test Slice Select
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
SLICE_SEL[3]
0, by csb high
Bit 2
R/W
SLICE_SEL[2]
0, by csb high
Bit 1
R/W
SLICE_SEL[1]
0, by csb high
Bit 0
R/W
SLICE_SEL[0]
0, by csb high
SLICE_SEL[3:0]:
The slice select (SLICE_SEL[3:0) bits can be used to control the address of
the microprocessor accesses to the device. The code-points of
SLICE_SEL[3:0] are summarized in the table below. When SLICE_SEL[3:0] is
set to 0H, the internally addressed register is directly controlled by the
address bus A[13:0]. When SLICE_SEL[3:0] is other than 0H and the
PMCTST or the IOTST bit in the SPECTRA-622 Master Test register is set
high, the microprocessor address bits A[11:8] are forced to the values of the
SLICE_SEL[3:0] respectively. The SLICE_SEL[3:0] bits can be used to
directly select which RPPS or TPPS address space is accessed. The
SLICE_SEL[3:0] bits are cleared by setting CSB to logic 1 and the register
must be reset to disable the address bus controlling..
Table 16
- Master Test Slice Select, SLICE_SEL[3:0] code-points.
SLICE_SEL[3:0]
Address[13:0]
Internal Address
0
XXXXh
XXXXh
n
XXXXh
XnXXh
13.2 JTAG Test Port
The SPECTRA-622 JTAG Test Access Port (TAP) allows access to the TAP
controller and the 4 TAP registers: instruction, bypass, device identification and
boundary scan. Using the TAP, device input logic levels can be read, device
outputs can be forced, the device can be identified and the device scan path can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com