Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 512 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 512 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc PM5313 Datasheet HTML 510Page - PMC-Sierra, Inc PM5313 Datasheet HTML 511Page - PMC-Sierra, Inc PM5313 Datasheet HTML 512Page - PMC-Sierra, Inc PM5313 Datasheet HTML 513Page - PMC-Sierra, Inc PM5313 Datasheet HTML 514Page - PMC-Sierra, Inc PM5313 Datasheet HTML 515Page - PMC-Sierra, Inc PM5313 Datasheet HTML 516Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
480
be bypassed. For more details on the JTAG port, please refer to the Operations
section.
Table 17
-Instruction Register (Length - 3 bits)
Instructions
Selected Register
Instruction Codes,
IR[2:0]
EXTEST
Boundary Scan
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111
Table 18
-Identification Register
Length
32 bits
Version number
1H
Part Number
5313H
Manufacturer's identification code
0CDH
Device identification
153130CDH
Table 19
-Boundary Scan Register Length - 277 bits
Pin / Enable
Register
Bit
Cell Type
Pin / Enable
Register
Bit
Cell Type
hiz
277
IN_CELL
Dc1j1v1[2]
138
OUT_CELL
scpo_oeb
276
IN_CELL
Dd[8]
137
OUT_CELL
scpo[1]
275
OUT_CELL
Dd[9]
136
OUT_CELL
scpo[0]
274
OUT_CELL
dd[10]
135
OUT_CELL
scpi[0]
273
IN_CELL
ad[13]
134
IN_CELL
scpi[1]
272
IN_CELL
ad[14]
133
IN_CELL
scpi[2]
271
IN_CELL
ad[15]
132
IN_CELL
scpi[3]
270
IN_CELL
adp[2]
131
IN_CELL
prefen
269
IN_CELL
ad[10]
130
IN_CELL
peclv
268
IN_CELL
ad[11]
129
IN_CELL
pin[3]
267
IN_CELL
ad[12]
128
IN_CELL
Piclk
266
IN_CELL
ddp[1]
127
OUT_CELL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com