Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 508 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 508 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 504Page - PMC-Sierra, Inc PM5313 Datasheet HTML 505Page - PMC-Sierra, Inc PM5313 Datasheet HTML 506Page - PMC-Sierra, Inc PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc PM5313 Datasheet HTML 510Page - PMC-Sierra, Inc PM5313 Datasheet HTML 511Page - PMC-Sierra, Inc PM5313 Datasheet HTML 512Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
476
are logic one, the CSB pin controls the output enable for the data bus. While
the DBCTRL bit is set, holding the CSB pin high causes the SPECTRA-622 to
drive the data bus and holding the CSB pin low tri-states the data bus. The
DBCTRL bit overrides the HIZDATA bit. The DBCTRL bit is used to measure
the drive capability of the data bus driver pads.
PMCTST:
The PMCTST bit is used to configure the SPECTRA-622 for PMC's
manufacturing tests. When PMCTST is set to logic one, the SPECTRA-622
microprocessor port becomes the test access port used to run the PMC
"canned" manufacturing test vectors. The PMCTST bit is logically "ORed" with
the IOTST bit, and can be cleared by setting CSB to logic one or by writing
logic zero to the bit.
PMCATST:
The PMCATST bit is used to configure the analog portion of the SPECTRA-
622 for PMC's manufacturing tests.
MOTOTST:
The MOTOTST bit is used to test the Motorola interface. When the
MOTOTST bit is logic one and the MBEB input is logic zero, the SCPI[0] and
SCPI[1] inputs are used to replace the E and RWB inputs respectively. This is
done because the fixed waveform shapes assigned to the RDB/E and
WRB/RWB inputs can not be used to test the Motorola type microprocessor
interface logic. This mode permits testing of the D.C. drive capability of the
D[7:0] device pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com