Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 505 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 505 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 501Page - PMC-Sierra, Inc PM5313 Datasheet HTML 502Page - PMC-Sierra, Inc PM5313 Datasheet HTML 503Page - PMC-Sierra, Inc PM5313 Datasheet HTML 504Page - PMC-Sierra, Inc PM5313 Datasheet HTML 505Page - PMC-Sierra, Inc PM5313 Datasheet HTML 506Page - PMC-Sierra, Inc PM5313 Datasheet HTML 507Page - PMC-Sierra, Inc PM5313 Datasheet HTML 508Page - PMC-Sierra, Inc PM5313 Datasheet HTML 509Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
473
Register 11DCH: APGM Monitor Error Count #1
Bit
Type
Function
Default
Bit 7
R
PRSE[7]
X
Bit 6
R
PRSE[6]
X
Bit 5
R
PRSE[5]
X
Bit 4
R
PRSE[4]
X
Bit 3
R
PRSE[3]
X
Bit 2
R
PRSE[2]
X
Bit 1
R
PRSE[1]
X
Bit 0
R
PRSE[0]
X
Register 11DDH: APGM Monitor Error Count #2
Bit
Type
Function
Default
Bit 7
R
PRSE[15]
X
Bit 6
R
PRSE[14]
X
Bit 5
R
PRSE[13]
X
Bit 4
R
PRSE[12]
X
Bit 3
R
PRSE[11]
X
Bit 2
R
PRSE[10]
X
Bit 1
R
PRSE[9]
X
Bit 0
R
PRSE[8]
X
PRSE[15:0]:
The PRSE[15:0] bits represent the number of PRBS byte errors detected
since the last accumulation interval. Errors are only accumulated in the
synchronized state and each PRBS data byte can have a maximum of 1
errors. The transfer of the error accumulation counter to these registers is
triggered by a write to either of the GPGM Monitor Error Counters, or , to the
Accumulation Trigger register (0000H). The contents of these registers will be
valid only 4 clock cycles after the transfer is triggered. For concatenated
payload, the master slice and each slave work independently from one
another, thus the error count is the sum of all the slices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com