Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 570 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 570 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc PM5313 Datasheet HTML 569Page - PMC-Sierra, Inc PM5313 Datasheet HTML 570Page - PMC-Sierra, Inc PM5313 Datasheet HTML 571Page - PMC-Sierra, Inc PM5313 Datasheet HTML 572Page - PMC-Sierra, Inc PM5313 Datasheet HTML 573Page - PMC-Sierra, Inc PM5313 Datasheet HTML 574Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
538
(TOH_SEL=00,01,10), the TOH serial input is set to carry the section orderwire
(E1), section user channel (F1) or line orderwire (E2) bytes respectively. In this
case TOHCLK is a 64 kHz clock. When TOH_SEL is programmed to select the
line APS (K1/K2) (TOH_SEL=11), the TOH serial input is set to carry K1 and K2
bytes. In this case TOHCLK is a 128 kHz clock. The TOH serial input is sampled
on the rising edge of TOHCLK.
The TTOHFP output is updated on the falling edge of TTOHCLK but the
TOHCLK clock is generated such that the rising edge of the clock is able to
sample the TTOHFP. TTOHFP is used to identify the positioning of the E1, F1,
E2 or K1 bit 1 (MSB) on TOH. External logic supplying the TOH input must use
the TTOHFP to locate when the MSB of E1, F1, E2 or K1 bytes should be
present on TOH.
Figure 55
-Transmit Overhead Functional Timing (TX_GAPSEL=1)
TOHCLK
(TOHSEL=0/1/2)
E1
B4
B1
B2
B3
B5
B6
B7
B8
(TOHSEL=0)
TOH
F1
(TOHSEL=1)
TOH
E2
(TOHSEL=2)
TOH
B4
B1
B2
B3
B5
B6
B7
B8
B4
B1
B2
B3
B5
B6
B7
B8
K1
B1
B2
B3
B4
B5
B6
B7
B8
B1
B2
B3
B4
B5
B6
B7
B8
K2
(TOHSEL=4)
TOH
TOHCLK
(TOHSEL=4)
TFP
Figure 55 shows the transmit overhead output functional timing when
TX_GAPSEL=1. For TOHSEL={0,1,2}, TOHCLK will be a is a 72 kHz, 50% duty
cycle clock that is gapped to produce a 64 kHz nominal rate clock. The E1, F1
and E2 bytes may be selectively shifted in on the TOH. The corresponding
stream on the TSOW, TSUC or TLOW input is ignored.
For TOHSEL={3}, the TOHCLK will be a 144 KHz 50% duty cycle clock gapped
to produce a 128 KHz nominal rate. The K1 and K2 bytes are shifted in on the
TOH in the order as illustrated. All input data is sampled on the rising edge of
ROHCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com