Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 566 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 566 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc PM5313 Datasheet HTML 569Page - PMC-Sierra, Inc PM5313 Datasheet HTML 570Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
534
Figure 48
-TX Line DCC Output Timing (TX_GAPSEL=0)
b5
b6
b7
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
b2
b
D4
D12
D4
D12
TTOHFP
TLDCLK
TLD
Figure 49
-TX Section DCC Output Timing (TX_GAPSEL=0)
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
b2
D1
D3
D1
D3
TTOHFP
TSLDCLK
TSLD
Figure 47, Figure 48 and Figure 49 show the functional timing for the section and
line DCC ports when TX_GAPSEL=0. The TTOC block generates output clocks
TSLDCLK and TLDCLK. TSLDCLK is programmable (TSLD_SEL) to provide
timing for the section or line DCC over the TSLD serial input. When TSLD_SEL is
a logic low, the TSLD serial input is set to carry the section DCC (D1 to D3)
bytes. In this case TSLDCLK is a 192 kHz clock. When TSLD_SEL is a logic
high, the TSLD serial input is set to carry the line DCC (D4 to D12) bytes. In this
case TSLDCLK is a 576 kHz clock. The TSLD serial input is sampled on the
rising edge of TSLDCLK. When TSLD_SEL register bit is programmed low and
TSLD is used to carry the line DCC bytes, the section DCC bytes can be force to
all ones or all zeros via the TSDVAL register bit. TTOH and TTOHEN has
precedence over TSDVAL.
TLDCLK provides timing for the line DCC over the TLD serial input. The TLD
serial input is carries the line DCC (D4 to D12) bytes and TLDCLK is a 576 kHz
clock. The TLD serial input is sampled on the rising edge of TLDCLK.
The TTOHFP output is updated on the falling edge of TTOHCLK but the
TSLDCLK and TLDCLK clocks are generated such that the rising edge of both
clocks are able to sample the TTOHFP.Figure 48 and Figure 49 show this
relation. TTOHFP is used to identify the positioning of the D1 or D4 bit 1 (MSB)
on TSLD and TLD respectively. External logic supplying the TSLD and TLD must
use the TTOHFP to locate when the MSB of D1 and D4 should be present on
TSLD and TLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com