Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 563 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 563 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
531
Figure 45 shows the receive overhead output functional timing when
RX_GAPSEL=1. For ROHSEL={0,1,2}, ROHCLK will be a is a 72 kHz, 50% duty
cycle clock that is gapped to produce a 64 kHz nominal rate clock. The E1, F1
and E2 bytes may be selectively shifted out on the ROH.
For ROHSEL={3}, the ROHCLK will be a 144 KHz 50% duty cycle clock gapped
to produce a 128 KHz nominal rate. The K1 and K2 bytes are shifted out on the
ROH in the order as illustrated. All output data is updated on the falling edge of
ROHCLK.
A clock gap detector using a higher speed clock may be used. to identify the
alignment of ROH. The RFPO output may also be used as an asynchronous
reset. No specific timing relation between RFPO and the clock signal are implied
by this diagram except to say that the RFPO pulse will occur during the gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com