Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 559 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 559 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
527
Figure 39
-RX Section DCC Timing (RX_GAPSEL=0)
8
1
2
3
4
5
6
7
8
1
2
D1
D3
D1
D3
RTOHFP
RSLDCLK
RSLD
The section/line data output (RSLD) is aligned with the falling edge of the
RSLDCLK. The rising edge of RSLDCLK should be used to sample the RSLD
data and RTOHFP. Sampling RTOHFP high identifies the MSB of the D1 or D4
byte available on the RLD output. When carrying the line DCC, RSLDCLK is a
576 kHz clock (see line DCCFigure Figure 39) and when carrying the section
DCC, RSLDCLK is a 192 kHz clock (see section DCCFigure Figure 40).
Figure 40
-RX Section/Line and Line DCC Timing (RX_GAPSEL=1)
Row 1
bytes
Row 6
bytes
Row 5
bytes
Row 4
bytes
Row 3
bytes
Row 7
bytes
Row 2
bytes
Row 9
bytes
Row 8
bytes
RFPO
approx. 2 MHz DLCLK bursts
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B3 B4 B5 B6 B7 B8
B1
B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8 B1 B2
RS LD
(R DLSE L=0)
RS LDCLK
(R DLSE L=0)
RLD and RSLD
(RDLSEL=1)
RLDCLK and RSLDCLK
(RDLSEL=1)
RLD and R S LD
(RDLSEL=1)
RLDCLK and RSLDCLK
(RDLSEL=1)
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com