Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 561 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 561 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
529
sample the data and RTOHFP. Sampling RTOHFP high identifies the MSB of the
E1, E2, F1 bytes available on the RSOW, RLOW and RSUC outputs. ROWCLK
is a 64 kHz clock.
Figure 42
-RSOW, RLOW and RSUC Alignment w.r.t. RTOHFP
(RX_GAPSEL=0)
b8
b1
b2
b3
b4
b8
b1
b2
b3
b4
b8
b1
b2
b3
b4
RTOHFP
ROWCLK
RSOW
RLOW
RSUC
Figure 43
-RX Order wire and User Channel Timing (RX_GAPSEL=1)
ROW CLK
E1, F1, E2
B1
B2
B3
B5
B6
B7
B8
B4
RSOW
RLOW
RSUC
RFPO
Figure 43 shows the order wire and user channel output timings when
RX_GAPSEL=1. The data outputs (RSOW, RLOW, RSUC) are aligned with the
falling edge of the ROWCLK. The rising edge of ROWCLK should be used to
sample the data. ROWCLK is a 72 kHz, 50% duty cycle clock that is gapped to
produce a 64 kHz nominal rate clock.
A clock gap detector using a higher speed clock may be used. to identify the
alignment of RSOW, RSUC and RLOW. The RFPO output may also be used as
an asynchronous reset. No specific timing relation between RFPO and the clock
signal are implied by this diagram except to say that the RFPO pulse will occur
during the gap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com