Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 564 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 564 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
532
15.3 Transmit Transport Overhead Insertion
15.3.1 Transmit Transport Overhead (TTOH) Functional Timing
Figure 46
-Transmit Transport Overhead Insertion
TTO HFP
A1 #1
A1 #5
A1 #4
A1 #3
A1 #2
A2 #1
A1 #N
TTOHCLK
TTOHCLK
A1 #2 byte
A1 #1 byte
TTOH
B8 o f E2
B1 B2 B3 B4 B5 B6 B7
B8
B1 B2 B3 B4 B5 B6 B7
B8
TTO HFP
TTOHFP
A1
#1-#N
C1
#1-#N
A2
#1-#N
"E2"
#1-#N
"B1"
#1-#N
"E1"
#1-#N
33%
66%
Figure 46 shows all the TTOH port signal functional timings. The TTOH ports
(TTOH, TTOHCLK, TTOHFP and TTOHEN) are used to supply the SONET/SDH
transport overhead bytes. The serial TTOH data stream supplies the 324
transport overhead bytes (108 section overhead and 216 line overhead bytes) in
125 us. The TTOHCLK output provides timing for the TTOH and TTOHEN inputs.
TTOHCLK is a 20.736 MHz clock generated by gapping a 25.92 MHz clock.
The TTOHCLK generates a burst of clock cycles after the TTOHFP. This burst is
used to receive all overhead bytes needed for insertion into the 36 overhead
bytes. The TTOHFP output is updated on the falling edge of TTOHCLK and is
used to identify the positioning of the 1
st A1 byte (STS-1 #1) most significant bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com