Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 562 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 562 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
530
15.2.4 Receive Overhead (ROH) Functional Output Timings
Figure 44
-Receive Overhead Output Functional Timing (RX_GAPSEL=0)
b1
b2
b3
b4
b5
b6
b7
b8
b1
b1
b2
b3
b4
b5
b6
b7
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
b
K2
K2
K1
K1
ROHSEL[1:0] = 00b, 01b, 10b
ROHSEL[1:0] = 11b
RTOHFP
ROHCLK
ROH
ROHCLK1
ROH2
Figure 44 shows the receive overhead output functional timing when
RX_GAPSEL=0. The data output (ROH) is aligned with the falling edge of the
ROHCLK. Depending on the selected output mode via the ROHSEL[1:0] register
bits, ROH will carry the 8 bit section or line or user channel bytes or the 16 bit
K1/K2 APS bytes. The rising edge of ROHCLK should be used to sample the
ROH data and RTOHFP. Sampling RTOHFP high identifies the MSB of the E1 or
E2 or F1 byte or MSB of the K1 byte available on the ROH output. When
outputting the order wire or user channel, ROHCLK is a 64 kHz clock. When
outputting the APS bytes, ROHCLK is a 128 kHz clock.
Figure 45
-Receive Overhead Output Functional Timing (RX_GAPSEL=1)
ROHCLK
(RO HSEL= 0/1/2)
E1
B4
B1
B2
B3
B5
B6
B7
B8
(RO HSEL=0)
ROH
F1
(RO HSEL=1)
ROH
E2
(RO HSEL=2)
ROH
B4
B1
B2
B3
B5
B6
B7
B8
B4
B1
B2
B3
B5
B6
B7
B8
K1
B1
B2
B3
B4
B5
B6
B7
B8
B1
B2
B3
B4
B5
B6
B7
B8
K2
(ROHSEL=4)
RO H
ROHCLK
(ROHSEL=4)
RFPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com