Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 565 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 565 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc PM5313 Datasheet HTML 569Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
533
on TTOH. External logic supplying the TTOH and TTOHEN must use the
TTOHFP to locate when the MSB of the A1#1 byte should be present on TTOH.
The TTOC samples the TTOH and TTOHEN inputs on the rising edge of
TTOHCLK. TTOHEN high during bit 1 of TOH byte on TTOH, validates the byte
to be inserted into either the LPIN or PPIN data stream. In the second half of
Figure 46, the first A1 byte will be inserted into the transmit stream since the
TTOHEN is sampled high at the same time that bit 1 is sampled. The second A1
byte will not be inserted since the TTOHEN was not sampled high at the same
time as bit 1of the second A1 byte.
An error insertion feature is provided for the H1, H2, B1, and B2 byte positions.
When TTOH is held high during any of the bit positions corresponding to these
bytes, the corresponding bit is inverted before being inserted in the transmit
stream (TTOHEN must be sampled high during the first bit position to enable the
error insertion mask).
Figure 46 also shows the functional timing for the TTOHREI input. The REI
accumulator counts the number of high cycles on TTOHREI. The accumulated
count is transferred to the holding register on the sampling of TTOHFP high. The
sampling of TTOHFP high also resets the holding accumulation counter to zero
or one, depending if the TTOHREI is sample high or low. The transferred count is
then inserted into the M1 byte of the transmit data stream when the REI_EN
register bit in the TTOC Control Register is set to is set to logic one.
15.3.2 Transmit Section and Line DCC Functional Timing
Figure 47
-TX Section/Line and Line DCC Timing (TX_GAPSEL=0)
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
D12
D12
D11
D11
D10
D10
D9
D9
D8
D8
D7
D7
D6
D6
D5
D5
D4
D4
D3
D2
D3
D2
D1
D1
TTOHFP
TSLDCLK
TSLD
TLDCLK
TLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com