Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 569 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 569 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc PM5313 Datasheet HTML 569Page - PMC-Sierra, Inc PM5313 Datasheet HTML 570Page - PMC-Sierra, Inc PM5313 Datasheet HTML 571Page - PMC-Sierra, Inc PM5313 Datasheet HTML 572Page - PMC-Sierra, Inc PM5313 Datasheet HTML 573Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
537
External logic supplying the these inputs must use the TTOHFP to locate when
the MSB of the bytes should be present on TSOW, TSUC and TLOW.
Figure 53
-Transmit Order Wire and User Channel Timing
(TX_GAPSEL=1)
TOW CLK
E1, F1, E2
B1
B2
B3
B5
B6
B7
B8
B4
TSOW
TLOW
TSUC
TFP
Figure 53 shows the transmit order wire and user channel timings when
TX_GAPSEL=1. The data inputs (TSOW, TLOW, TSUC) are sampled on the
rising edge of the TOWCLK. TOWCLK is a 72 kHz, 50% duty cycle clock that is
gapped to produce a 64 kHz nominal rate clock.
A clock gap detector using a higher speed clock may be used. to identify the
alignment of TSOW, TSUC and TLOW. The TFP output may also be used as an
asynchronous reset. No specific timing relation between TFP and the clock signal
are implied by this diagram except to say that the TFP pulse will occur during the
gap.
15.3.4 Transmit Overhead (TOH) Functional Timing
Figure 54
-Transmit Overhead Functional Timing (TX_GAPSEL=0)
b1
b2
b3
b4
b5
b6
b7
b8
b1
b1
b2
b3
b4
b5
b6
b7
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
K2
K2
K1
K1
TOHSEL[1:0] = 00b, 01b, 10b
TOHSEL[1:0] = 11b
TTOHFP
TOHCLK
TOH
TOHCLK1
TOH2
Figure 54 shows the functional timing for the transmit overhead ports when
TX_GAP_SEL=0. The TTOC block generates the output clock TOHCLK.
TOHCLK is programmable (TOH_SEL[1:0]) to provide timing for the section
orderwire, section user channel, line orderwire or APS bytes over the TOH serial
input. When TOH_SEL is programmed to select the orderwires or user channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com