Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 567 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 567 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc PM5313 Datasheet HTML 565Page - PMC-Sierra, Inc PM5313 Datasheet HTML 566Page - PMC-Sierra, Inc PM5313 Datasheet HTML 567Page - PMC-Sierra, Inc PM5313 Datasheet HTML 568Page - PMC-Sierra, Inc PM5313 Datasheet HTML 569Page - PMC-Sierra, Inc PM5313 Datasheet HTML 570Page - PMC-Sierra, Inc PM5313 Datasheet HTML 571Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
535
Figure 50
-TX Section/Line and Line DCC Timing (TX_GAPSEL=1)
Row 1
bytes
Row 6
bytes
Row 5
bytes
Row 4
bytes
Row 3
bytes
Row 7
bytes
Row 2
bytes
Row 9
bytes
Row 8
bytes
TFP
approx. 2 MHz DLCLK bursts
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B2
B1
B3 B4 B5 B6 B7 B8
B1
B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8 B1 B2 B3 B4 B5 B6 B7 B8
TS LD
(T DLSE L= 0)
TS LDCLK
(T DLSE L= 0)
TLD or T S LD
(TDLSEL=1)
TLDC LK or TS LDC LK
(TDLSEL=1)
TLD or TSLD
(TDLSEL=1)
TLDC LK or TS LDC LK
(TDLSEL=1)
Figure 50 shows the timing relationship between the TSLD/TLD serial data inputs
and their associated clocks, TSLDCLK/TLDCLK. When register bit TSLD_SEL is
set low, TSLDCLK is a 216 KHz, 50% duty cycle clock gapped to produce a 192
KHz nominal rate that is aligned with TFP as shown in the timing diagram. The
section DCC bytes, D1-D3 are sourced from the TSLD input. When register bit
TSLD_SEL is set high, TSLDCLK is a 2.16 MHz, 67%(high)/33%(low) duty cycle
clock gapped to produce a 576 KHz nominal rate. The line DCC bytes, D4-D12
are sourced from the TSLD input. All input data on TSLD is sampled on the rising
edge of TSLDCLK.
Figure 50 also shows the transmit line DCC timing. The line DCC, D4-D12, bytes
are shifted out on the RLD output. RLDCLK is generated by gapping a 2.16 MHz
clock. RLD is updated on the falling RLDCLK edge. The RLDCLK is a 2.16 MHz,
67%(high)/33%(low) duty cycle clock gapped to produce a 576 KHz nominal rate
and RLD is used to shift out the line DCC (D4-D12) bytes. RLD is updated on the
falling RLDCLK edge.
A clock gap detector using a higher speed clock may be used. to identify the
alignment of the TSLD and TLD data. The TFP output may be used as an
asynchronous reset. No specific timing relation between TFP and the clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com