Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 560 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 560 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc PM5313 Datasheet HTML 562Page - PMC-Sierra, Inc PM5313 Datasheet HTML 563Page - PMC-Sierra, Inc PM5313 Datasheet HTML 564Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
528
Figure 39 shows the receive section/line and line DCC output timings when
RX_GAPSEL=1. The timing diagram shows the relationship between the
RSLD/RLD serial data outputs and their associated clocks, RSLDCLK/RLDCLK
when RX_GAPSEL=1. When register bit RSLDSEL is low, the section DCC (D1-
D3) bytes are shifted out on the RSLD output. The RSLDCLK is a 216 KHz, 50%
duty cycle clock gapped to produce a 192 KHz nominal rate. When register bit
RSLDSEL is high, the line DCC (D4-D12) bytes are shifted out on the RSLD
output. The RSLDCLK is a 2.16 MHz, 67%(high)/33%(low) duty cycle clock
gapped to produce a 576 KHz nominal rate.. RSLD is always updated on the
falling RSLDCLK edge.
The receive line DCC clock and data alignment timing diagram above shows the
relationship between the RLD serial data output and its associated clock,
RLDCLK. The line DCC, D4-D12, bytes are shifted out on the RLD output.
RLDCLK is generated by gapping a 2.16 MHz clock. RLD is updated on the
falling RLDCLK edge. The RLDCLK is a 2.16 MHz, 67%(high)/33%(low) duty
cycle clock gapped to produce a 576 KHz nominal rate and RLD is used to shift
out the line DCC (D4-D12) bytes. RLD is updated on the falling RSLDCLK edge.
A clock gap detector using a higher speed clock may be used. to identify the
alignment of the RSLD and RLD data. The RFPO output may be used as an
asynchronous reset. No specific timing relation between RFPO and the clock
signals are implied by this diagram except to say that the RFPO pulse will occur
during the gap.
15.2.3 Receive Order Wire and User Channel Functional Output Timing
Figure 41
-RX Order wire and User Channel Timing (RX_GAPSEL=0)
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
b8
b1
b2
b3
b4
b5
b6
b7
b8
b1
RTOHFP
ROWCLK
RSOW
RLOW
RSUC
Figure 41 and Figure 42 shows the order wire and user channel output timings
when RX_GAPSEL=0. The data outputs (RSOW, RLOW, RSUC) are aligned with
the falling edge of the ROWCLK. The rising edge of ROWCLK should be used to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com