Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 556 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 556 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 552Page - PMC-Sierra, Inc PM5313 Datasheet HTML 553Page - PMC-Sierra, Inc PM5313 Datasheet HTML 554Page - PMC-Sierra, Inc PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
524
frame and the synchronous payload envelope of STS-3 (STM-1) #1 STS-1
(STM-0/AU3) #1 shown corresponds to an active offset of 0 and is for illustration
only. Other alignments are possible. The Transmit bus parity output TDP reports
the parity of TD[7:0] and optionally includes TPL and TC1J1V1.
Figure 35
-STS-12c (STM-4-4c) Transmit Telecom Bus Timing
TFPI
TCLK
TD[7:0]
TPL
TC1J1V1
TDP
POH
J1
TTOH
V1
12 34
9 10 11 12
5 6 7 8
1 2 3 4
9 10 11 12
567 8
SP E bytes
TO H C1 bytes
SP E bytes
FIRST
C1
(TFPO)
The figure above shows the STS-12c (STM-4-4c) Transmit Telecom bus timing.
TCLK is a nominally 77.76 MHz clock. In parallel mode, the frame pulse TFPI
marks the first synchronous payload envelope byte on TD[7:0]. In serial mode,
TFPI comes out about 10 ns to 25 ns before the first synchronous payload
envelope byte. It is not necessary for TFPI to be present at every frame. An
internal counter fly-wheels based on the most recent TFPI received. Transport
overhead and payload bytes are distinguished by the TPL output which is set low
to mark transport overhead bytes and set high to mark payload bytes. The
Transmit bus composite timing signal TC1J1V1 is set high when TPL is set low to
mark the first C1 byte. TC1J1V1 is set high when TPL is also set high to mark the
J1 byte of the STS-12c (STM-4-4c) stream. Optionally, TC1J1V1 is set high once
every multiframe to mark the “V1 byte” in the first frame of the Transmit bus
tributary multiframe. The “V1 byte” corresponds to the 12-th byte after J1. The
alignment of the transport frame and the synchronous payload envelope of
STS-12c (STM-4-4c) stream shown corresponds to an active offset of 0 and is for
illustration only. Other alignments are possible. The Transmit bus parity output
TDP reports the parity of TD[7:0] and optionally includes TPL and TC1J1V1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com