Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 555 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 555 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 551Page - PMC-Sierra, Inc PM5313 Datasheet HTML 552Page - PMC-Sierra, Inc PM5313 Datasheet HTML 553Page - PMC-Sierra, Inc PM5313 Datasheet HTML 554Page - PMC-Sierra, Inc PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 555 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
523
The Out of Frame Declaration Timing diagram above illustrates the declaration of
out of frame for an STS-12 (STM-4) stream using the parallel interface. The
framing pattern is a 196-bit pattern that repeats once per frame. For the purposes
of OOF declaration, the framing pattern may be modified using the ALGO2 bit in
the RSOP Control register. Out of frame is declared when one or more errors are
detected in this pattern for four consecutive frames as illustrated. In the presence
of random data, out of frame will normally be declared within 500 us.
Figure 34
-STS-12 (STM-4/AU3) Transmit Telecom Bus Timing
TFPI
TCLK
TD[7:0]
TOH #1
C1
TOH #2
C1
TOH #3
C1
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
SPE #2
BYT 262
SPE #2
BYT 263
SPE #3
BYT 263
TPL
PJE
TC1J1V1
TDP
SPE #1
BYT 263
SPE #3
BYT 262
SPE #1
BYT 262
STS-3 #1
STS-3 #4
STS-3 #3
STS-3 #2
STS-3 #1
STS-1 #1
PO H
J1
STS-3 #3
STS-1 #2
PSO
STS-3 #1
STS-1 #1
TTO H
V1
STS-1 #1's
STS-1 #3's
STS-1 #2's
(TFPO)
The figure above shows the STS-12 (STM-4/AU3) Transmit Telecom bus timing.
TCLK is a nominally 77.76 MHz clock. The frame pulse TFPI marks the first
synchronous payload envelope byte in the STS-12 (STM-4/AU3) frame on
TD[7:0]. This is also the first SPE byte of STS-3 (STM-1) #1 STS-1 (STM-0/AU3)
#1 stream. It is not necessary for TFPI to be present at every frame. An internal
counter fly-wheels based on the most recent TFPI received. Transport overhead
and payload bytes are distinguished by the TPL output which is set low to mark
transport overhead bytes and set high to mark payload bytes. A positive
justification event is shown for STS-3 (STM-1) #3 STS-1 (STM-0/AU3) #2. A stuff
byte is place in the positive stuff opportunity byte position and TPL is set low to
indicate that data is not available. The Transmit bus composite timing signal
TC1J1V1 is set high when TPL is set low to mark the first C1 byte of the STS-12
(STM-4/AU3) frame. TC1J1V1 is set high when TPL is also set high to mark the
J1 byte in each of the STS-1 (STM-0/AU3) streams. Optionally, TC1J1V1 is set
high once every multiframe to mark the first frame of the Transmit bus tributary
multiframe in each STS-1 (STM-0/AU3) stream. The alignment of the transport



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com