Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 554 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 554 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 550Page - PMC-Sierra, Inc PM5313 Datasheet HTML 551Page - PMC-Sierra, Inc PM5313 Datasheet HTML 552Page - PMC-Sierra, Inc PM5313 Datasheet HTML 553Page - PMC-Sierra, Inc PM5313 Datasheet HTML 554Page - PMC-Sierra, Inc PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
522
15 FUNCTIONAL TIMING
All functional timing diagrams assume that polarity control is not being applied to
input and output data and clock lines (i.e. polarity control bits in the SPECTRA-
622 registers are set to their default states). It is also assumed that the STS (AU)
grooming functions at the ADD and DROP buses using the Time-Slot Interchange
feature are disabled.
15.1 Parallel Line Interface
Figure 32
-In Frame Declaration Timing
125 us Between Framing
Pattern Occurrences
A1 A2 A2 A2 A2 A2 A2 A2 A2 A2 A2 A2 A2 J0
Z0 Z0 Z0
Z0 Z0 Z0 Z0 Z0
Z0 Z0
Z0
A1 A2 A2 A2
Z0 Z0
Z0
PICLK
PIN[7:0]
FPIN
OOF
The In Frame Declaration Timing diagram above illustrates the declaration of the
in-frame state by the SPECTRA-622 when processing a 77.76 Mbyte/s STS-12
(STM-4) stream on PIN[7:0]. An upstream serial-to-parallel converter indicates
the location of the SONET frame using the FPIN input to mark the first SPE byte
as illustrated in the timing diagram. The frame verification is initialized by a pulse
on FPIN when the SPECTRA-622 is out of frame. The in-frame state is declared
if the framing pattern is observed in the correct byte positions in the following
frame, and in the intervening period (125 us) no additional pulse were present of
FPIN. The SPECTRA-622 ignores pulses of FPIN while in frame. The algorithm
results in a maximum average reframe time of 250 us in the absence of mimic
framing patterns.
Figure 33
-Out of Frame Declaration Timing
Errored A1/A2 Pattern
Errored A1/A2 Pattern
Errored A1/A2 Pattern
Errored A1/A2 Pattern
A1
A1
A1
A2
A2
A2
A1
A1
A1
A2
A2
A2
A1
A1
A1
A2
A2
A2
A2
A2
A2
J0
Z0
Z0
PICLK
PIN[7:0]
OOF
Four Consecutive Frames Containing
Framing Pattern Errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com