Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 557 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 557 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 553Page - PMC-Sierra, Inc PM5313 Datasheet HTML 554Page - PMC-Sierra, Inc PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc PM5313 Datasheet HTML 558Page - PMC-Sierra, Inc PM5313 Datasheet HTML 559Page - PMC-Sierra, Inc PM5313 Datasheet HTML 560Page - PMC-Sierra, Inc PM5313 Datasheet HTML 561Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
525
15.2 Receive Transport Overhead Extraction
15.2.1 Receive Transport Overhead (RTOH) Functional Timing
Figure 36
-Receive Tranport Overhead Extraction
RTOHFP
A1 #1
A1 #5
A1 #4
A1 #3
A1 #2
A2 #1
A1 #N
RTOHCLK
RTOHCLK
A1 #2 byte
A1 #1 byte
RTOH
B8 of E2
B1 B2 B3 B4 B5 B6 B7
B8
B1 B2 B3 B4 B5 B6 B7
B8
RTOHFP
RTOHFP
A1
#1-#N
C1
#1-#N
A2
#1-#N
"E2"
#1-#N
"B1"
#1-#N
"E1"
#1-#N
33%
66%
Figure 36 shows the Receive Transport Overhead (RTOH) output timing.
RTOHCLK is a 20.736 MHz clock generated by gapping a 25.92 MHz, 33% high
duty cycle clock. 2592 bits (27x12 bytes) will be output on RTOH between the
rising edges of RTOHFP. RTOHCLK will have a 33% high duty cycle and
RTOHFP will be set high to identify the MSB (bit 1) of the STS-1 #1 A1 byte. The
RTOHCLK begins bursting out data during RTOHFP high. The Overhead bytes of
the each row are bursted out followed by a prolonged gapped period in the clock.
The clock begins bursting out data once again when the next row’s overhead has
been received. In between each overhead byte, the clock gaps for one cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com