Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 553 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 553 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 549Page - PMC-Sierra, Inc PM5313 Datasheet HTML 550Page - PMC-Sierra, Inc PM5313 Datasheet HTML 551Page - PMC-Sierra, Inc PM5313 Datasheet HTML 552Page - PMC-Sierra, Inc PM5313 Datasheet HTML 553Page - PMC-Sierra, Inc PM5313 Datasheet HTML 554Page - PMC-Sierra, Inc PM5313 Datasheet HTML 555Page - PMC-Sierra, Inc PM5313 Datasheet HTML 556Page - PMC-Sierra, Inc PM5313 Datasheet HTML 557Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 553 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
521
When a PECL input is not being used, the positive differential input must be tied
to analog power (AVD) and the negative differential input must be tied to analog
ground (AVS). In all cases, the PECL inputs must be driven with a differential
voltage (do not connect both pins to AVD or AVS).
When the PECL output is not being used, the external reference resistor
TDREF1 may be tied to analog power (AVD) and TDREF0 may be tied to analog
ground (AVS) to disable the PECL output. Both positive and negative differential
outputs of the PECL output may be tied to analog ground (AVD).
Each PECL input and output has an associated ESD biasing pin PBIAS[3:0].
These biasing pins should be biased at 3.3 volts or 5.0 volts depending on the
configuration used. Each bias pin should be high-frequency decoupled to prevent
noise from coupling through the ESD structures and affecting the high-speed
signals.
14.15 Clock Recovery
The Clock Synthesizer unit (CSU) in the Spectra-622 requires an external
reference clock REFCLK to generate the 622 MHz transmit clock. The REFCLK
input is a PECL input in order to reduce the amount of noise coupled into the
CSU. In most cases, the reference clock must be generated and propagated
using PECL logic in order for the CSU to meet SONET/SDH intrinsic jitter
specifications.
In general, the reference clock REFCLK is supplied by a crystal oscillator with
PECL outputs. The oscillator must have at least -115dBc/
√Hz between 12 kHz
and 5 MHz frequency offset in order for the CSU to meet SONET/SDH intrinsic
jitter specifications. Do not use a TTL type crystal oscillator with a TTL to PECL
converter as the TTL signal conversion will generate significant jitter on the
reference clock.
The Clock Recovery unit (CRU) in the Spectra-622 requires a 47nF non-
polarized capacitor (ceramic ± 5% X7R or equivalent) between the C0 and C1
pins to control the amount of “peaking” in the jitter transfer curve. The capacitor
should be located as close as possible to the C0 and C1 pins in order to prevent
noise from coupling into CRU. It must be non-polarized as the capacitor may
operate with a D.C. reverse-bias depending on process, voltage and temperature
extremes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com