Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 575 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 575 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 571Page - PMC-Sierra, Inc PM5313 Datasheet HTML 572Page - PMC-Sierra, Inc PM5313 Datasheet HTML 573Page - PMC-Sierra, Inc PM5313 Datasheet HTML 574Page - PMC-Sierra, Inc PM5313 Datasheet HTML 575Page - PMC-Sierra, Inc PM5313 Datasheet HTML 576Page - PMC-Sierra, Inc PM5313 Datasheet HTML 577Page - PMC-Sierra, Inc PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
543
over-sampling to multiplex the path overhead data streams destined for the
TPOP’s on a single TPOH input. The entire path overhead, except B3 and H4,
(J1, C2, G1, F2, Z3, Z4, Z5 bytes) of each STS-1 (STM-0/AU3) stream can be
inserted into the STS-12 (STM-4/AU3) transmit stream via TPOH over one or two
TPOH frame periods. In each byte, the most significant bit is transmitted first.
TPOHFP marks the most significant bit (msb) of the first J1 byte of the STS-12
(STM-4/AU3) transmit stream. This corresponds to the msb of the J1 byte of
STS-3 (STM-1) #1 STS-1 (STM-0/AU3) #1 stream. TPOHEN controls the
insertion of data on TPOH on a byte basis. The data byte on TPOH is inserted in
the path overhead of the corresponding STS-1 (STM-0/AU3) transmit stream if
TPOHEN is set high and the TPOHRDY is also high when the msb of the data
byte is sampled. TPOHEN assertions at the less significant bit positions are
disregarded. TPOHEN is set high during (msb) bit 1 of the C2 byte and during bit
2 to bit 8 of the G1 byte with TPOHRDY set high for both bytes as shown in the
above figure. For this example, the G1 byte will not be inserted but the C2 byte
will be taken from TPOH. If TPOHRDY were low during the C2 byte insertion then
the process should be repeated for the next C2 byte time-slot of the STS-1
(STM-0/AU3) stream.
An error insertion feature is provided for the B3 and the H4 bytes. When
TPOHEN and TPOHRDY are both high during the most significant bit of the B3
or H4 byte, the byte-wide error mask provided on TPOH during the B3 or H4 byte
time-slot is XOR’ed to the corresponding transmit path BIP (B3) byte or tributary
multiframe sequence (H4) byte.
The path overhead data streams of corresponding STS-1 (STM-0/AU3) or
equivalent transmit streams are arranged in the order of the Transmit Path
Processing Slice numbers (TPPS #1 to TPPS #12). TPPS #1 to #12 always
process the SONET/SDH bytes (i.e. STS-1 (STM-0/AU3) streams) in the to be
transmitted order.. With this assignment, the path overhead data streams are
driven on to TPOH in the hierarchical order of STS-3 #1 STS-1 #1, STS-3 #2
STS-1 #1, STS-3 #3 STS-1 #1 STS-3 #4 STS-1 #1 and etc.
For an STS-3c (STM-1/AU4) in the STS-12 (STM-4/AU3/AU4) transmit stream,
only the path overhead time-slots associated with the equivalent STS-1 (STM-
0/AU3) #1 processed by a master TPPS can be used. During the path overhead
time-slots of the equivalent STS-1 (STM-0/AU3) #2 and #3 processed by
corresponding slave TPPS’s, TPOHEN must be set low. For an STS-12c (STM-4-
4c) transmit stream, only the path overhead time-slots associated with the
equivalent STS-3 (STM-1) #1 STS-1 (STM-0/AU3) #1 processed by the master
TPPS (TPPS #1) can be used. TPOHEN must be set low for the eleven
remaining STS-1 (STM-0/AU3) equivalent streams processed by corresponding
slaves TPPS’s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com