Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 579 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 579 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 575Page - PMC-Sierra, Inc PM5313 Datasheet HTML 576Page - PMC-Sierra, Inc PM5313 Datasheet HTML 577Page - PMC-Sierra, Inc PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc PM5313 Datasheet HTML 581Page - PMC-Sierra, Inc PM5313 Datasheet HTML 582Page - PMC-Sierra, Inc PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
547
Figure 61
- Transmit Ring Control Port
TRCPFP
TRCPCLK
RESERVED FOR LINE REI INDICATIONS
TRCPDAT
TRCPFP
: Reserved for future use
: Reserved for line REI indication
TRCPDAT
The Transmit Ring Control Port timing diagram above illustrates the operation of
the transmit ring control port when the ring control ports are enabled (using the
RCPEN bit in the SPECTRA-622 Ring Control register). The control port timing is
provided by the TRCPCLK input. TRCPFP and TRCPDAT are sampled on the
rising edge of TRCPCLK. TRCPFP is used to distinguish the bit positions
carrying maintenance signal control information (TRCPFP is high) from the bit
positions carrying line REI indications (TRCPFP is low). TRCPFP is high for 21
bit positions once per frame 125 µs). Currently, only the last two bit positions are
used. These bit positions control the insertion of line RDI and line AIS
maintenance signals as illustrated. The remaining 19 bit positions are reserved
for future feature enhancements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com