Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 582 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 582 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 578Page - PMC-Sierra, Inc PM5313 Datasheet HTML 579Page - PMC-Sierra, Inc PM5313 Datasheet HTML 580Page - PMC-Sierra, Inc PM5313 Datasheet HTML 581Page - PMC-Sierra, Inc PM5313 Datasheet HTML 582Page - PMC-Sierra, Inc PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
550
The figure above shows the STS-3 (STM-1/AU3) 19.44 MHz byte DROP bus
timing where n is {1, 2, 3, 4}. This timing applies to all four 19.44 MHz Byte
Telecom DROP buses. DCK is a 19.44 MHz clock. The frame pulse DFP marks
the first synchronous payload envelope byte in the STS-3 (STM-1/AU3) frame on
DD[7:0] (DD[31:24], DD[23:16], DD[15:8]). It is not necessary for DFP to be
present at every frame. An internal counter fly-wheels based on the most recent
DFP received. Transport overhead and payload bytes are distinguished by the
DPL[1] (DPL[4], DPL[3], DPL[2]) output which is set low to mark transport
overhead bytes and set high to mark payload bytes. A positive justification event
is shown for STS-1 (STM-0/AU3) #3. A stuff byte is place in the positive stuff
opportunity byte position and DPL[1] (DPL[4:2]) is set low to indicate that data is
not available. The DROP bus composite timing signal DC1J1V1[1] (DC1J1V1[4],
DC1J1V1[3], DC1J1V1[2]) is set high when DPL[1] (DPL[4:2]) is set low to mark
the C1 byte. DC1J1V1[1] (DC1J1V1[4:2]) is set high when DPL[1] (DPL[4:2]) is
also set high to mark the J1 byte in each of the three STS-1 (STM-0/AU3)
streams. Optionally, DC1J1V1[1] (DC1J1V1[4:2]) is set high once every
multiframe to mark the first frame of the DROP bus tributary multiframe in each
STS-1 (STM-0/AU3) stream. The alignment of the transport frame and the
synchronous payload envelope of STS-1 (STM-0/AU3) #1 shown corresponds to
an active offset of 0 and is for illustration only. Other alignments are possible.
Also, the SPE alignments of the four 19.44 MHz Byte Telecom DROP buses may
be different. The DROP bus parity output DDP[1] (DDP[4], DDP[3], DDP[2])
reports the parity of DD[7:0] (DD[31:24], DD[23:16], DD[15:8]) and optionally
includes DPL[1] (DPL[4:2]) and DC1J1V1[1] (DC1J1V1[4:2]).
Figure 64
- STS-3c (STM-1/AU4) 19.44 MHz Byte DROP Bus Timing
DFP
DCK
TOH
C1
TOH
C1/X
TOH
C1/X
SPE
BYT 1
SPE
BYT 2
SPE
BYT 3
POH #1
J1
SPE
BYT 785
SPE
BYT 786
SPE
V1/NPI
SPE
V1/NPI
SPE
V1/NPI
DD[8(n-1)+7:8(n-1)]
DPL[n]
DC1J1V1[n]
DDP[n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com