Electronic Components Datasheet Search
  English  ▼

X  

PM5313 Datasheet(PDF) 586 Page - PMC-Sierra, Inc

Part # PM5313
Description  SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5313 Datasheet(HTML) 586 Page - PMC-Sierra, Inc

Back Button PM5313 Datasheet HTML 582Page - PMC-Sierra, Inc PM5313 Datasheet HTML 583Page - PMC-Sierra, Inc PM5313 Datasheet HTML 584Page - PMC-Sierra, Inc PM5313 Datasheet HTML 585Page - PMC-Sierra, Inc PM5313 Datasheet HTML 586Page - PMC-Sierra, Inc PM5313 Datasheet HTML 587Page - PMC-Sierra, Inc PM5313 Datasheet HTML 588Page - PMC-Sierra, Inc PM5313 Datasheet HTML 589Page - PMC-Sierra, Inc PM5313 Datasheet HTML 590Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 586 / 646 page
background image
PRODUCTION
PMC-Sierra, Inc.
PM5313 SPECTRA-622
DATASHEET
PMC-1981162
ISSUE 6
SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
PROPRIETARY AND CONFIDENTIAL
554
Figure 66
- STS-12 (STM-4/AU3) 77.76 MHz Byte DROP Bus Timing
DFP
DCK
DD[7:0]
TOH #1
C1
TOH #2
C1
TOH #3
C1
SPE #1
BYT 1
SPE #2
BYT 1
SPE #3
BYT 1
SPE #2
BYT 262
SPE #2
BYT 263
SPE #3
BYT 263
DPL[1]
PJE
DC1J1V1[1]
DDP[1]
SPE #1
BYT 263
SPE #3
BYT 262
SPE #1
BYT 262
STS-3 #1
STS-3 #4
STS-3 #3
STS-3 #2
STS-3 #1
STS-1 #1
PO H
J1
STS-3 #3
STS-1 #2
PSO
STS-3 #1
STS-1 #1
TTO H
V1
STS-1 #1's
STS-1 #3's
STS-1 #2's
The figure above shows the STS-12 (STM-4/AU3) 77.76 MHz byte DROP bus
timing. DCK is a 77.76 MHz clock. The frame pulse DFP marks the first
synchronous payload envelope byte in the STS-12 (STM-4/AU3) frame on
DD[7:0]. This is also the first SPE byte of STS-3 (STM-1) #1 STS-1 (STM-0/AU3)
#1 stream. It is not necessary for DFP to be present at every frame. An internal
counter fly-wheels based on the most recent DFP received. Transport overhead
and payload bytes are distinguished by the DPL[1] output which is set low to
mark transport overhead bytes and set high to mark payload bytes. A positive
justification event is shown for STS-3 (STM-1) #3 STS-1 (STM-0/AU3) #2. A stuff
byte is place in the positive stuff opportunity byte position and DPL[1] is set low to
indicate that data is not available. The DROP bus composite timing signal
DC1J1V1[1] is set high when DPL[1] is set low to mark the first C1 byte of the
STS-12 (STM-4/AU3) frame. DC1J1V1[1] is set high when DPL[1] is also set
high to mark the J1 byte in each of the STS-1 (STM-0/AU3) streams. Optionally,
DC1J1V1[1] is set high once every multiframe to mark the first frame of the
DROP bus tributary multiframe in each STS-1 (STM-0/AU3) stream. The
alignment of the transport frame and the synchronous payload envelope of STS-
3 (STM-1) #1 STS-1 (STM-0/AU3) #1 shown corresponds to an active offset of 0
and is for illustration only. Other alignments are possible. The DROP bus parity
output DDP[1] reports the parity of DD[7:0] and optionally includes DPL[1] and
DC1J1V1[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com